Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7352-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 7352-RC
Description  Common Mode Inductors/EMI Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7352-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  7352-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
25.2
Common Mode Inductors/EMI Filters
Special Features
• Reduces conductive EMI emission
• High inductance, compact size
• High attenuation at low frequency
• Dielectric strength 3750 Vrms
• Coil wound on UL 94V-0 rated plastic bobbin
• Core mounted horizontal or vertical
• Operating temperature -55 to +105 °C
Notes
* Rated current to cause 35 °C max. temperature rise
** Insert -H or -V for mounting style before -RC
Example: 7355-V-RC
7300 Series
Part
Number
L (mH)
Min.
@ 1 KHz
I, DC*
(A)
DCR
(Ω)
Max.
7350-RC
0.5
1.5
0.12
7351-RC
1
1.2
0.22
7352-RC
2
0.85
0.4
7353-RC
5
0.5
1.0
7354-RC
8
0.4
2.0
7355-RC
10
0.35
2.2
7356-RC
22
0.27
4.0
17
Max.
4
Min.
17
Max.
11
Max.
17
Max.
4
8.0
-/+0.5
2
3
1
4
12
Vertical Core Mount
4
0.6
Max.
Min.
7.0
-/+0.5
(2)
1
(3)
4
8.0
-/+0.5
Max.
0.6
7.0
-/+0.5
15.5
1
3
2
3
2
4
1
2
3
1
4
Horizontal Core Mount
Dimensions: mm
† RoHS Directive 2002/95/EC Jan 27 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 10/09


Similar Part No. - 7352-RC

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7352 FILTRAN-7352 Datasheet
183Kb / 1P
   V.90 Modem Transformer
logo
List of Unclassifed Man...
7352 ETC2-7352 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
7352 ETC2-7352 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
735278 ETC2-735278 Datasheet
38Kb / 1P
   AMP FASTON-Steckverbinder
More results

Similar Description - 7352-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7402-RC BOURNS-7402-RC Datasheet
89Kb / 1P
   Common Mode Inductors/EMI Filters
logo
List of Unclassifed Man...
7353-V ETC2-7353-V Datasheet
38Kb / 1P
   Common Mode Inductors/EMI Filters
logo
Coilcraft lnc.
M2022 COILCRAFT-M2022 Datasheet
223Kb / 2P
   Common Mode EMI Filters
M2022-ASLB COILCRAFT-M2022-ASLB Datasheet
227Kb / 2P
   Common Mode EMI Filters ??M2022
logo
List of Unclassifed Man...
7101 ETC1-7101 Datasheet
36Kb / 1P
   Common Mode EMI Inductors
logo
Pulse A Technitrol Comp...
PE-62916NL PULSE-PE-62916NL Datasheet
63Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTORS
logo
Datatronic Distribution...
PT22001 DATATRONICS-PT22001 Datasheet
97Kb / 1P
   Common Mode EMI Suppression Inductors
logo
Delta Electronics, Inc.
LFZ28V DELTA-LFZ28V Datasheet
45Kb / 1P
   EMI Common-Mode Suppression Inductors
logo
Pulse A Technitrol Comp...
PE-62897NL PULSE-PE-62897NL Datasheet
63Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTORS
PE-62891 PULSE-PE-62891 Datasheet
58Kb / 1P
   COMMON MODE EMI SUPPRESSION INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com