Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSMB1940X01 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VSMB1940X01
Description  High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSMB1940X01 Datasheet(HTML) 1 Page - Vishay Siliconix

  VSMB1940X01 Datasheet HTML 1Page - Vishay Siliconix VSMB1940X01 Datasheet HTML 2Page - Vishay Siliconix VSMB1940X01 Datasheet HTML 3Page - Vishay Siliconix VSMB1940X01 Datasheet HTML 4Page - Vishay Siliconix VSMB1940X01 Datasheet HTML 5Page - Vishay Siliconix VSMB1940X01 Datasheet HTML 6Page - Vishay Siliconix VSMB1940X01 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VSMB1940X01
www.vishay.com
Vishay Semiconductors
Rev. 1.4, 02-May-13
1
Document Number: 81933
For technical questions, contact: emittertechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Speed Infrared Emitting Diode, 940 nm,
GaAlAs Double Hetero
DESCRIPTION
VSMB1940X01 is an infrared, 940 nm emitting diode in
GaAlAs Double Hetero technology with high radiant power
and high speed, molded in clear, untinted 0805 plastic
package for surface mounting (SMD).
FEATURES
• Package type: surface mount
• Package form: 0805
• Dimensions (L x W x H in mm): 2 x 1.25 x 0.85
• AEC-Q101 qualified
• Peak wavelength:
p = 940 nm
• High reliability
• High radiant power
• High radiant intensity
• High speed
• Angle of half sensitivity:
 = ± 60°
• Low forward voltage
• Suitable for high pulse current operation
• 0805 standard surface-mountable package
• Floor life: 168 h, MSL 3, acc. J-STD-020
• Lead (Pb)-free reflow soldering
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• High speed IR data transmission
• High power emitter for low space applications
• High performance transmissive or reflective sensors
Note
• Test conditions see table “Basic Characteristics“
Note
• MOQ: minimum order quantity
21531
PRODUCT SUMMARY
COMPONENT
Ie (mW/sr)
 (deg)
p (nm)
tr (ns)
VSMB1940X01
6
± 60
940
15
ORDERING INFORMATION
ORDERING CODE
PACKAGING
REMARKS
PACKAGE FORM
VSMB1940X01
Tape and reel
MOQ: 3000 pcs, 3000 pcs/reel
0805
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage
VR
5V
Forward current
IF
100
mA
Peak forward current
tp/T = 0.1, tp = 100 μs
IFM
200
mA
Surge forward current
tp = 100 μs
IFSM
1A
Power dissipation
PV
160
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
t
 5 s, 2 mm from case
Tsd
260
°C
Thermal resistance junction/ambient
J-STD-051, leads 7 mm, soldered on PCB
RthJA
270
K/W


Similar Part No. - VSMB1940X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMB1940X01 VISHAY-VSMB1940X01 Datasheet
167Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.5, 30-Jun-16
VSMB1940X01 VISHAY-VSMB1940X01 Datasheet
166Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2022
VSMB1940X01 VISHAY-VSMB1940X01_16 Datasheet
167Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.5, 30-Jun-16
VSMB1940X01 VISHAY-VSMB1940X01_V01 Datasheet
166Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2022
VSMB1940X01 VISHAY-VSMB1940X01_V02 Datasheet
165Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2023
More results

Similar Description - VSMB1940X01

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSMB1940X01 VISHAY-VSMB1940X01_V01 Datasheet
166Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2022
VSMB1940X01 VISHAY-VSMB1940X01_V02 Datasheet
165Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2023
VSMB1940ITX01 VISHAY-VSMB1940ITX01_V02 Datasheet
168Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2023
VSMB3940X01 VISHAY-VSMB3940X01_V02 Datasheet
874Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2023
VSMB1940X01 VISHAY-VSMB1940X01_16 Datasheet
167Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.5, 30-Jun-16
VSMB3940X01-GS08 VISHAY-VSMB3940X01-GS08 Datasheet
140Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.5, 03-Mar-10
VSMB3940X01 VISHAY-VSMB3940X01 Datasheet
150Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.4, 06-Nov-09
VSMB1940ITX01 VISHAY-VSMB1940ITX01_V01 Datasheet
168Kb / 7P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2022
VSMB3940X01 VISHAY-VSMB3940X01_V01 Datasheet
874Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
01-Jan-2022
VSMB3940X01 VISHAY-VSMB3940X01_13 Datasheet
876Kb / 6P
   High Speed Infrared Emitting Diode, 940 nm, GaAlAs Double Hetero
Rev. 1.7, 05-Dec-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com