Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5300-19-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 5300-19-RC
Description  5300 Series Conformal Coated RF Choke
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

5300-19-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  5300-19-RC Datasheet HTML 1Page - Bourns Electronic Solutions 5300-19-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Formerly
model
Current rating up to 3.3 A
Inductance range: 1.0
μH to 1,000 μH
RoHS compliant*
Applications
DC/DC converters
Power supplies
General use
5300 Series Conformal Coated RF Choke
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Specifications (@ 25 °C)
Bourns Part No.
Inductance
Test
Frequency
SRF
(MHz)
Min.
DCR
(
Ω)
Max.
Idc
(mA)
Isat
(mA)
(
μH)
Tol. (%)
5300-01-RC
1.0
±10
7.96 MHz
190
0.018
3300
3000
5300-02-RC
1.2
±10
7.96 MHz
170
0.019
3200
2700
5300-03-RC
1.5
±10
7.96 MHz
160
0.020
3100
2500
5300-04-RC
1.8
±10
7.96 MHz
150
0.023
2900
2100
5300-05-RC
2.2
±10
7.96 MHz
130
0.031
2600
2000
5300-06-RC
2.7
±10
7.96 MHz
120
0.033
2500
1900
5300-07-RC
3.3
±10
7.96 MHz
110
0.054
1900
1700
5300-08-RC
3.9
±10
7.96 MHz
100
0.060
1800
1500
5300-09-RC
4.7
±10
7.96 MHz
86
0.068
1700
1400
5300-10-RC
5.6
±10
7.96 MHz
64
0.074
1600
1300
5300-11-RC
6.8
±10
7.96 MHz
44
0.080
1600
1200
5300-12-RC
8.2
±10
7.96 MHz
32
0.087
1500
1100
5300-13-RC
10
±10
1 KHz
25
0.095
1500
970
5300-14-RC
12
±10
1 KHz
17
0.11
1400
880
5300-15-RC
15
±10
1 KHz
13
0.15
1200
790
5300-16-RC
18
±10
1 KHz
10
0.16
1100
710
5300-17-RC
22
±10
1 KHz
8.4
0.19
1000
640
5300-18-RC
27
±10
1 KHz
8.0
0.22
950
580
5300-19-RC
33
±10
1 KHz
7.6
0.24
910
530
5300-20-RC
39
±10
1 KHz
7.1
0.26
880
480
5300-21-RC
47
±10
1 KHz
6.0
0.35
760
430
5300-22-RC
56
±10
1 KHz
5.8
0.47
650
400
5300-23-RC
68
±10
1 KHz
4.3
0.53
610
370
5300-24-RC
82
±10
1 KHz
4.1
0.60
580
330
5300-25-RC
100
±10
1 KHz
3.9
0.67
550
300
5300-26-RC
120
±10
1 KHz
3.6
0.90
470
270
5300-27-RC
150
±10
1 KHz
3.2
1.2
410
250
5300-28-RC
180
±10
1 KHz
2.8
1.4
380
220
5300-29-RC
220
±10
1 KHz
2.3
1.9
320
200
5300-30-RC
270
±10
1 KHz
2.1
2.1
310
180
5300-31-RC
330
±10
1 KHz
1.9
2.4
290
170
5300-32-RC
390
±10
1 KHz
1.7
3.0
260
150
5300-33-RC
470
±10
1 KHz
1.4
3.4
240
140
5300-34-RC
560
±10
1 KHz
1.3
4.7
210
130
5300-35-RC
680
±10
1 KHz
1.2
6.4
180
110
5300-36-RC
820
±10
1 KHz
1.1
7.1
170
100
5300-37-RC
1000
±10
1 KHz
1.0
7.9
160
95
5300-38-RC
1200
±10
1 KHz
0.94
9.0
150
87
5300-39-RC
1500
±10
1 KHz
0.76
12
130
78
5300-40-RC
1800
±10
1 KHz
0.72
14
120
71
5300-41-RC
2200
±10
1 KHz
0.64
19
100
64
5300-42-RC
2700
±10
1 KHz
0.56
25
90
58
5300-43-RC
3300
±10
1 KHz
0.53
29
83
52
5300-44-RC
3900
±10
1 KHz
0.48
34
77
48
5300-45-RC
4700
±10
1 KHz
0.45
37
74
44
5300-46-RC
5600
±10
1 KHz
0.40
50
63
40
5300-47-RC
6800
±10
1 KHz
0.36
58
59
36
5300-48-RC
8200
±10
1 KHz
0.29
68
54
33
5300-49-RC
10,000
±10
1 KHz
0.27
75
52
30
General Specifications
Temperature Rise ................ 35 °C at Idc
Rated Current
..... Inductance drop 5 % typical at Isat
Operating Temperature
................................ -55 °C to +105 °C
Storage Temperature
................................ -55 °C to +105 °C
Dielectric Strength ................... 500 Vrms
Materials
Core.............................................. Ferrite
Wire ............................ Enameled copper
Terminal Coating................................. Sn
Coating .................................Epoxy resin
Packaging
Standard....................500 pcs. per bag
Optional......3000 pcs. per 14-inch reel
How to Order
5300 - 02 - __ - RC
Model
Value Code
(See table)
Packaging Code
Blank = 500 pcs./bag
TR = 3000 pcs./14-inch reel
Compliance Code
RC = RoHS compliant*
Examples:
• 5300-02-RC = 1.2 mH packaged
500 pcs./bag.
• 5300-16-TR-RC = 18 mH packaged
3000 pcs./14-inch reel.
Electrical Schematic


Similar Part No. - 5300-19-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
5300-19-RC BOURNS-5300-19-RC Datasheet
229Kb / 2P
   Conformal Coated RF Choke
5300-19-RC BOURNS-5300-19-RC Datasheet
224Kb / 2P
   5300 Series Conformal Coated RF Choke
More results

Similar Description - 5300-19-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
5300-41 BOURNS-5300-41 Datasheet
224Kb / 2P
   5300 Series Conformal Coated RF Choke
5300-02-TR-RC BOURNS-5300-02-TR-RC Datasheet
229Kb / 2P
   Conformal Coated RF Choke
77F BOURNS-77F Datasheet
172Kb / 2P
   Conformal Coated RF Choke
78F100J-TR-RC BOURNS-78F100J-TR-RC Datasheet
164Kb / 2P
   Conformal Coated RF Choke
8230-94-RC BOURNS-8230-94-RC Datasheet
225Kb / 2P
   Conformal Coated RF Choke
8230 BOURNS-8230 Datasheet
225Kb / 2P
   Conformal Coated RF Choke
77F151J-TR-RC BOURNS-77F151J-TR-RC Datasheet
172Kb / 2P
   Conformal Coated RF Choke
79FR10M-RC BOURNS-79FR10M-RC Datasheet
109Kb / 2P
   79F Series Conformal Coated RF Choke
77F471J-TR-RC BOURNS-77F471J-TR-RC Datasheet
188Kb / 3P
   77F Series Conformal Coated RF Choke
77F680J-TR-RC BOURNS-77F680J-TR-RC Datasheet
172Kb / 2P
   77F Series Conformal Coated RF Choke
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com