Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP6670AL Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDP6670AL
Description  N-Channel Logic Level PowerTrenchTM MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP6670AL Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDP6670AL Datasheet HTML 1Page - Fairchild Semiconductor FDP6670AL Datasheet HTML 2Page - Fairchild Semiconductor FDP6670AL Datasheet HTML 3Page - Fairchild Semiconductor FDP6670AL Datasheet HTML 4Page - Fairchild Semiconductor FDP6670AL Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDP6670AL/FDB6670AL Rev D(W)
Typical Characteristics
0
2
4
6
8
10
0
10
20
30
40
50
Qg, GATE CHARGE (nC)
I
D = 80A
VDS = 10V
20V
15V
0
1000
2000
3000
4000
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
Ciss
Crss
Coss
f = 1MHz
V
GS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
1
10
100
1000
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
100µs
100mS
R
DS(ON) LIMIT
V
GS = 10V
SINGLE PULSE
RθJA = 2.2
oC/W
T
A = 25
oC
10mS
10µs
1mS
0
1000
2000
3000
4000
5000
0.00001
0.0001
0.001
0.01
0.1
1
t1, TIME (sec)
SINGLE PULSE
RθJC = 2.2°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t1, TIME (sec)
RθJC(t) = r(t) * RθJA
RθJA = 2.2 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.


Similar Part No. - FDP6670AL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP6670AL ISC-FDP6670AL Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP6670AL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
FDN359BN-F095 FAIRCHILD-FDN359BN-F095 Datasheet
106Kb / 6P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6612A FAIRCHILD-FDS6612A Datasheet
246Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com