Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1KSMBJ47CA Datasheet(PDF) 1 Page - Littelfuse

Part # 1KSMBJ47CA
Description  Silicon Avalanche Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1KSMBJ47CA Datasheet(HTML) 1 Page - Littelfuse

  1KSMBJ47CA Datasheet HTML 1Page - Littelfuse 1KSMBJ47CA Datasheet HTML 2Page - Littelfuse 1KSMBJ47CA Datasheet HTML 3Page - Littelfuse 1KSMBJ47CA Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Silicon Avalanche Diodes
270
www .littelfuse .com
1000W Surface Mount Transient Voltage Suppressor
The 1KSMBJ range of surface mount protectors utilizes the
proven glass passivated technology used in many Littelfuse
product portfolios. Rated at 1000 watts (10 x 1000 µs double
exponential waveform), the 1KSMBJ bridges the gap left by
traditional types rated at 600 watts and 1500 watts, suiting
many applications where both power handling and size are
paramount. The extremely fast turn-on time (less than one pico
second), coupled with the low clamping factor and low on-state
impedance, make this range ideal for the protection of today’s
circuits. Our specially selected range of voltages has been
chosen to fulfill optimum protection for use in automotive and
telecom applications.
FEATURES
RoHS Compliant
Available in breakdown voltages from 6.8v. to 160v;
specially designed for automotive applications
Response time: 1x10-12.secs (theoretical)
Glass passivated junction
Offers high-surge rating in compact package: bridges the
gap between 600W and 1.5KW
Forward surge rating:
100A 8.3ms single half sine wave
100% tested
Operating temperature: -55°C to +150°C
Agency Approvals: Recognized under the Components Program
of Underwriters Laboratories.
Agnecy File Numbers: E128662
1KSMBJ Series
®
SMBJ
Voltage
C A
Bi-Directional
5% Voltage Tolerance
Tape and reeled (3000 pcs)
ORDERING INFORMATION
Mechanical Specifications:
Weight:
0.093 grammes (approx)
Case:
DO-214AA Outline moulded plastic over
glass passivated junction. UL 94 V-0 rated
Terminals:
Solderable to MIL-STD-750 Method 2026
Solderable Leads:
23°C for 10 seconds
Marking:
Cathode band, device code logo
Standard Packaging:
Supplied on reels of 3000 pieces. Tape
width 12mm. Follows requirements of
EIA 481-1
RoHS


Similar Part No. - 1KSMBJ47CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1KSMBJ47 LITTELFUSE-1KSMBJ47 Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
1KSMBJ47 SUNMATE-1KSMBJ47 Datasheet
519Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Littelfuse
1KSMBJ47A LITTELFUSE-1KSMBJ47A Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
1KSMBJ47A SUNMATE-1KSMBJ47A Datasheet
519Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - 1KSMBJ47CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PP6KE6.8 LITTELFUSE-PP6KE6.8 Datasheet
406Kb / 5P
   Silicon Avalanche Diodes - Silicon Avalanche Diodes
logo
New Jersey Semi-Conduct...
1N56 NJSEMI-1N56 Datasheet
256Kb / 2P
   Silicon Avalanche Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10 Datasheet
172Kb / 2P
   Silicon Avalanche Diodes
1.5KE150 LITTELFUSE-1.5KE150 Datasheet
126Kb / 4P
   Silicon Avalanche Diodes
SMBJ28AHE3 LITTELFUSE-SMBJ28AHE3 Datasheet
235Kb / 4P
   Silicon Avalanche Diodes
logo
MDE Semiconductor, Inc.
SMD15KPA17A MDE-SMD15KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
SMD30KPA17A MDE-SMD30KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
logo
Shenzhen Luguang Electr...
R2K LUGUANG-R2K Datasheet
266Kb / 2P
   Avalanche Diodes
R2KN LUGUANG-R2KN Datasheet
289Kb / 2P
   Avalanche Diodes
R2G LUGUANG-R2G Datasheet
134Kb / 2P
   Avalanche Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com