Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2920L030 Datasheet(PDF) 4 Page - Littelfuse

Part # 2920L030
Description  POLY-FUSE짰 Resettable PTCs Surface Mount > 2920L Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2920L030 Datasheet(HTML) 4 Page - Littelfuse

  2920L030 Datasheet HTML 1Page - Littelfuse 2920L030 Datasheet HTML 2Page - Littelfuse 2920L030 Datasheet HTML 3Page - Littelfuse 2920L030 Datasheet HTML 4Page - Littelfuse 2920L030 Datasheet HTML 5Page - Littelfuse 2920L030 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
54
Revised: June 3, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc.
Surface Mount > 2920L Series
2920L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/2920L.html for current information.
Dimensions (mm)
C
Top
View
Pad
Layout
Side
View
Bottom
View
5.30 mm
(.209”)
4.60 mm
(.181”)
2.0mm
(.079”)
D
MARKING CODE VARIES
WITH AMPERAGE AND VOLTAGE RATING
(SEE ELECTRICAL CHARACTERISTIC TABLE)
SHOWN ARE:
- 1.5A/33V RATING (LEFT)
- 2.0A/24V RATING (RIGHT)
E
A
B
150
150
200
-24
Part
Number
A
BC
D
E
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Min Max Min Max Min Max Min Max Min Max Min Max Min
Max Min Max
Min
Max
Min
Max
2920L030
0.26 0.31 6.73 7.98 0.19
0.21
4.8
5.44 0.03 0.05 0.75 1.25 0.01
0.1
0.3
2.5
0.01
0.08
0.25
2
2920L050
0.26 0.31 6.73 7.98 0.19
0.21
4.8
5.44 0.03 0.05 0.75 1.25 0.01
0.1
0.3
2.5
0.01
0.08
0.25
2
2920L075
0.26 0.31 6.73 7.98 0.19
0.21
4.8
5.44 0.03 0.05 0.75 1.25 0.01
0.1
0.3
2.5
0.01
0.08
0.25
2
2920L075/60 0.26 0.31 6.73 7.98 0.19
0.21
4.8
5.44 0.05 0.06
1.20 1.80 0.01
0.1
0.3
2.5
0.01
0.08
0.25
2
2920L100
0.26 0.31 6.73 7.98 0.19
0.21
4.8
5.44 0.02 0.04 0.55
1
0.01
0.1
0.3
2.5
0.01
0.08
0.25
2
2920L125
0.26 0.31 6.73 7.98 0.19
0.21
4.8
5.44 0.02 0.04 0.55
1
0.01
0.1
0.3
2.5
0.01
0.08
0.25
2
2920L150
0.26 0.31 6.73 7.98 0.19
0.21
4.8
5.44 0.03 0.05 0.75 1.25 0.01
0.1
0.3
2.5
0.01
0.08
0.25
2
2920L185
0.26 0.31 6.73 7.98 0.19
0.21
4.8
5.44 0.03 0.05 0.75 1.25 0.01
0.1
0.3
2.5
0.01
0.08
0.25
2
2920L200
0.26 0.31 6.73 7.98 0.19
0.21
4.8
5.44 0.03 0.05 0.75 1.25 0.01
0.1
0.3
2.5
0.01
0.08
0.25
2
2920L200/24 0.26 0.31 6.73 7.98 0.19
0.21
4.8
5.44 0.03 0.05 0.75 1.25 0.01
0.1
0.3
2.5
0.01
0.08
0.25
2
2920L250
0.26 0.31 6.73 7.98 0.19
0.21
4.8
5.44 0.03 0.05 0.75 1.25 0.01
0.1
0.3
2.5
0.01
0.08
0.25
2
2920L260
0.26 0.31 6.73 7.98 0.19
0.21
4.8
5.44 0.02 0.04 0.55
1
0.01
0.1
0.3
2.5
0.01
0.08
0.25
2
2920L300
0.26 0.31 6.73 7.98 0.19
0.21
4.8
5.44 0.03 0.05 0.75 1.25 0.01
0.1
0.3
2.5
0.01
0.08
0.25
2
2920L300/15 0.26 0.31 6.73 7.98 0.19
0.21
4.8
5.44 0.03 0.05 0.75 1.25 0.01
0.1
0.3
2.5
0.01
0.08
0.25
2


Similar Part No. - 2920L030

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2920L030 LITTELFUSE-2920L030 Datasheet
374Kb / 5P
   POLYFUSE짰 Resettable PTCs Surface Mount
2920L030DR LITTELFUSE-2920L030DR Datasheet
420Kb / 6P
   2920L Series
2920L030DRHF LITTELFUSE-2920L030DRHF Datasheet
420Kb / 6P
   2920L Series
More results

Similar Description - 2920L030

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
0603L025YR LITTELFUSE-0603L025YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
1812L150ZR LITTELFUSE-1812L150ZR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
0603L035YR LITTELFUSE-0603L035YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com