Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2920L185 Datasheet(PDF) 6 Page - Littelfuse

Part # 2920L185
Description  POLY-FUSE짰 Resettable PTCs Surface Mount > 2920L Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2920L185 Datasheet(HTML) 6 Page - Littelfuse

  2920L185 Datasheet HTML 1Page - Littelfuse 2920L185 Datasheet HTML 2Page - Littelfuse 2920L185 Datasheet HTML 3Page - Littelfuse 2920L185 Datasheet HTML 4Page - Littelfuse 2920L185 Datasheet HTML 5Page - Littelfuse 2920L185 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
56
Revised: June 3, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc.
Surface Mount > 2920L Series
2920L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/2920L.html for current information.
TAPE SPECIFICATIONS: EIA-481-1 (mm)
REEL DIMENSIONS:
EIA-481-1 (mm)
2920L030,
2920L050,
2920L075
2920L100,
2920L125,
2920L260
2920L150, 2920L185,
2920L200, 2920L250,
2920L200/24,
2920L300,
2920L300/15
2920L075/60
W
16.0+/- 0.30
16.0+/- 0.30
16.0+/- 0.30
16.0+/- 0.30
H
16.0+/- 0.2
F
7.5+/- 0.05
7.5+/- 0.05
7.5+/- 0.05
7.5+/- 0.10
W
17.0+/- 0.2
E
1
1.75+/- 0.10
1.75+/- 0.10
1.75+/- 0.10
1.75+/- 0.10
D
Ø 60.2+/−0.5
D
0
1.55+/- 0.05
1.55+/- 0.05
1.55+/- 0.05
1.50+/- 0.10
F
Ø 13.0+/- 0.5
D
1
1.5+/- 0.10
1.5+/- 0.10
1.5+/- 0.10
1.5 (min)
C
Ø 178+/- 1.0
P
0
4.0+/- 0.10
4.0+/- 0.10
4.0+/- 0.10
4.0+/- 0.10
H
1
11+/- 0.5
P
1
8.0+/- 0.10
8.0+/- 0.10
8.0+/- 0.10
8.0+/- 0.10
W
1
2.5+0.5
P
2
2.0+/- 0.05
2.0+/- 0.05
2.0+/- 0.05
2.0+/- 0.10
W
2
3.0+0.5
A
0
5.45+/- 0.10
5.45+/- 0.10
5.45+/- 0.10
5.45+/- 0.10
W
3
4.0+0.5
B
0
7.65+/- 0.10
7.65+/- 0.10
7.65+/- 0.10
7.90+/- 0.10
T
0.25+/- 0.10
0.25+/- 0.10
0.25+/- 0.10
0.30+/- 0.05
K
O
1.25+/- 0.10
1.00+/- 0.10
1.45+/- 0.10
2.00+/- 0.10
Leader min.
390
390
390
390
Trailer min.
160
160
160
160
Tape and Reel Specifications
Tape and Reel Diagram
D2
K0
B0
A0
T
F
W
E1
P2
D0
P0
P1
C
D
H
W
W2
W3
H1


Similar Part No. - 2920L185

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2920L185 LITTELFUSE-2920L185 Datasheet
374Kb / 5P
   POLYFUSE짰 Resettable PTCs Surface Mount
2920L185DR LITTELFUSE-2920L185DR Datasheet
420Kb / 6P
   2920L Series
2920L185DRHF LITTELFUSE-2920L185DRHF Datasheet
420Kb / 6P
   2920L Series
More results

Similar Description - 2920L185

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
0603L025YR LITTELFUSE-0603L025YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
1812L150ZR LITTELFUSE-1812L150ZR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
0603L035YR LITTELFUSE-0603L035YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com