Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2920L300 Datasheet(PDF) 5 Page - Littelfuse

Part # 2920L300
Description  POLY-FUSE짰 Resettable PTCs Surface Mount > 2920L Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2920L300 Datasheet(HTML) 5 Page - Littelfuse

  2920L300 Datasheet HTML 1Page - Littelfuse 2920L300 Datasheet HTML 2Page - Littelfuse 2920L300 Datasheet HTML 3Page - Littelfuse 2920L300 Datasheet HTML 4Page - Littelfuse 2920L300 Datasheet HTML 5Page - Littelfuse 2920L300 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
55
Revised: June 3, 2012
POLY-FUSE
® Resettable PTCs
© 2012 Littelfuse, Inc
Surface Mount > 2920L Series
2920L Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/2920L.html for current information.
Part Ordering Number System
PACKAGING STYLE
L: LITTELFUSE SURFACE MOUNT PPTC
QUANTITY CODE: D=1500 M=1000 P=2000
R: Tape & Reel
2920 L xxx /xx D R
SERIES
DEVICE SIZE CODE (0.29 x 0.20 inch)
I
HOLD HOLD CURRENT CODE
(Refer to Electrical Characteristics Table)
SPECIAL VOLTAGE RATING ITEM
(Not applicable to all parts. Refer to Electrical
Characteristics Table for additional information)
Packaging
Part Number
Ordering Number
Halogen
Free
I
hold
(A)
I
hold
Code
Voltage
Option
Packaging
Option
Quantity
Quantity &
Packaging Codes
2920L030
Yes
0.30
030
Tape and Reel
1500
2920L050
Yes
0.50
050
Tape and Reel
1500
2920L075
Yes
0.75
075
Tape and Reel
1500
2920L075/60
2920L075/60MR
Yes
0.75
075
/60
Tape and Reel
1000
MR
2920L100
2920L100PR
Yes
1.10
100
Tape and Reel
2000
PR
2920L125
2920L125PR
Yes
1.25
125
Tape and Reel
2000
PR
2920L150
Yes
1.50
150
Tape and Reel
1500
2920L185
Yes
1.85
185
Tape and Reel
1500
2920L200
Yes
2.00
200
Tape and Reel
1500
2920L200/24
Yes
2.00
200
/24
Tape and Reel
1500
2920L250
Yes
2.50
250
Tape and Reel
1500
2920L260
2920L260PR
Yes
2.60
260
Tape and Reel
2000
PR
2920L300
Yes
3.00
300
Tape and Reel
1500
2920L300/15
Yes
3.00
300
/15
Tape and Reel
1500


Similar Part No. - 2920L300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2920L300 LITTELFUSE-2920L300 Datasheet
374Kb / 5P
   POLYFUSE짰 Resettable PTCs Surface Mount
2920L300/15DR LITTELFUSE-2920L300/15DR Datasheet
420Kb / 6P
   2920L Series
2920L300/15DRHF LITTELFUSE-2920L300/15DRHF Datasheet
420Kb / 6P
   2920L Series
2920L30015 LITTELFUSE-2920L30015 Datasheet
374Kb / 5P
   POLYFUSE짰 Resettable PTCs Surface Mount
2920L300DR LITTELFUSE-2920L300DR Datasheet
420Kb / 6P
   2920L Series
More results

Similar Description - 2920L300

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L025YR LITTELFUSE-1206L025YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L160 LITTELFUSE-1812L160 Datasheet
1Mb / 6P
   POLY-FUSE짰 Resettable PTCs
1206L05015YR LITTELFUSE-1206L05015YR Datasheet
811Kb / 6P
   POLY-FUSE짰 Resettable PTCs
250R120-R1ZR LITTELFUSE-250R120-R1ZR Datasheet
619Kb / 7P
   POLY-FUSE짰 Resettable PTCs
0603L025YR LITTELFUSE-0603L025YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
1812L150ZR LITTELFUSE-1812L150ZR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 1812L Series
0603L035YR LITTELFUSE-0603L035YR Datasheet
795Kb / 5P
   POLY-FUSE짰 Resettable PTCs Surface Mount > 0603L Series
0603L004YR LITTELFUSE-0603L004YR_16 Datasheet
883Kb / 5P
   POLY-FUSE짰 Resettable PTCs
2920L100PR LITTELFUSE-2920L100PR Datasheet
816Kb / 6P
   POLY-FUSE짰 Resettable PTCs
1812L014DR LITTELFUSE-1812L014DR Datasheet
820Kb / 6P
   POLY-FUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com