Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1755558 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1755558
Description  Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 6, Color: green, Assembly: Soldering
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1755558 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1755558 Datasheet HTML 1Page - PHOENIX CONTACT 1755558 Datasheet HTML 2Page - PHOENIX CONTACT 1755558 Datasheet HTML 3Page - PHOENIX CONTACT 1755558 Datasheet HTML 4Page - PHOENIX CONTACT 1755558 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSTBVA 2,5/ 6-G Order No.: 1755558
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1755558
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Feb 24, 2010
Accessories
Item
Designation
Description
Assembly
1755477
MSTB-BL
Keying cap, for forming sections, plugs onto header pin, green
insulating material
Marking
0804183
SK 5/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
Plug/Adapter
1734401
CR-MSTB
Coding section, inserted into the recess in the header or the
inverted plug, red insulating material
Additional products
Item
Designation
Description
Assembly
1909252
FKCT 2,5/ 6-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 6, Connection type: Spring-
cage conn., Color: green
General
1910393
FKC 2,5/ 6-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 6, Connection type: Spring-
cage conn., Color: green
1909757
FKCVR 2,5/ 6-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 6, Connection type: Spring-
cage conn.
1910076
FKCVW 2,5/ 6-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 6, Connection type: Spring-
cage conn.
1779453
FRONT-MSTB 2,5/ 6-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 6, Connection type: Screw
connection, Color: green
1754520
MSTB 2,5/ 6-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 6, Connection type: Screw
connection, Color: green
1765810
MSTBP 2,5/ 6-ST
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5 mm, Number of positions: 6, Connection type: Screw
connection, Color: green


Similar Part No. - 1755558

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1755558 PHOENIX-1755558 Datasheet
97Kb / 3P
   Header with side panels, plug-in direction vertical to the p.c.b.
1755558 PHOENIX-1755558 Datasheet
142Kb / 6P
   MSTB 2,5/ 6-ST
1755558 PHOENIX-1755558 Datasheet
172Kb / 6P
   MVSTBR 2,5/ 6-ST
1755558 PHOENIX-1755558 Datasheet
151Kb / 6P
   MVSTBW 2,5/ 6-ST
More results

Similar Description - 1755558

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1769829 PHOENIX-1769829 Datasheet
151Kb / 5P
   Header, Nominal current: 12 A, Nom. voltage: 250 V, Pitch: 5 mm, Number of positions: 4, Color: green, Assembly: Soldering
1802414 PHOENIX-1802414 Datasheet
170Kb / 6P
   Header, Nominal current: 10 A, Nom. voltage: 250 V, Pitch: 5.08 mm, Number of positions: 3, Color: green, Assembly: Soldering
1728307 PHOENIX-1728307 Datasheet
139Kb / 5P
   PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
2713645 PHOENIX-2713645 Datasheet
67Kb / 3P
   DIN rail connector, nominal current: 8 A, number of positions: 5, pitch: 3.81 mm, color: light gray
2908993 PHOENIX-2908993 Datasheet
76Kb / 5P
   Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Assembly: Soldering
PLH16 PHOENIX-PLH16 Datasheet
189Kb / 6P
   PC terminal block, Nom. voltage: 400 V, Pitch: 10 mm, Number of positions: 5, Type of connection: Spring-cage conn., Assembly: Soldering, Conductor/PCB connection direction: 0 째, Color: green
2202396 PHOENIX-2202396 Datasheet
84Kb / 3P
   DIN rail connector, nominal current: 6 A, rated voltage (III/2): 32 V, number of positions: 8, pitch: 2.54 mm, color: light gray
2896283 PHOENIX-2896283 Datasheet
84Kb / 3P
   DIN rail connector, nominal current: 3 A, number of positions: 16, pitch: 2.54 mm, color: jet black
1982800 PHOENIX-1982800 Datasheet
53Kb / 2P
   , rated voltage (III/2): , nominal current (Ex): , nominal voltage (Ex): , number of positions: 1, pitch: 0 mm, : ,mounting
1870909 PHOENIX-1870909 Datasheet
121Kb / 4P
   PCB terminal block, nominal current: 22 A, nom. voltage: 400 V, pitch: 5.08 mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com