Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRH031M Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TRH031M
Description  13.56MHz Multi-protocol RFID Reader chip, 3.3V operation voltage
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TRH031M Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button TRH031M Datasheet HTML 2Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 3Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 4Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 5Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 6Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 7Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 8Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 9Page - List of Unclassifed Manufacturers TRH031M Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
TRH031M
Datasheet
6
ww.3ALogics.com
Confidential | w
Chapter1 Introduction
1.1 Features
Basic information
- 13.56MHz Multi-protocol RFID Reader chip
- 3.3V operation voltage
- 32pin LQFP Package
Supported Protocols:
- ISO/IEC 14443 A/B Type, ISO/IEC 15693
- Tag-it (Texas Instrument)
Performs Analog and Digital mixed operation as standards indicated
- Modulation/Demodulation, Encoding/Decoding
- Framing and Collision Detection for Anti-collision
- Automatic Data integrity check
Functions for microprocessor interface
- 64 bytes FIFO buffer for immediate data storage
- 4 types of Parallel interface and SPI Serial interface
- Configurable interrupt can inform event to microprocessor
- Configurable and Adjustable timer function can cooperated with
transceive state and interrupt
Power consumption minimization
- Hardware/Software power down function
- Minimized leakage and stand-by current
Other functions
- Transmit power and modulation index configuration
- Two Transmit drivers can be configured
- Adjustable receiver sensitivity depends on noise condition
- Data rate and pulse width configuration according to protocol
standards
- Test pins for operation check


Similar Part No. - TRH031M

ManufacturerPart #DatasheetDescription
logo
RFE international
TRH0703-100Y RFE-TRH0703-100Y Datasheet
261Kb / 1P
   THRU-HOLE INDUCTORS TSR & TRH Series: Filters
TRH0703-400Y RFE-TRH0703-400Y Datasheet
261Kb / 1P
   THRU-HOLE INDUCTORS TSR & TRH Series: Filters
TRH0703-600Y RFE-TRH0703-600Y Datasheet
261Kb / 1P
   THRU-HOLE INDUCTORS TSR & TRH Series: Filters
More results

Similar Description - TRH031M

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A92A0 AMICC-A92A0 Datasheet
118Kb / 3P
   13.56MHz Industrial RFID Reader
A9262-A-000 AMICC-A9262-A-000 Datasheet
167Kb / 2P
   13.56MHz RFID Reader Module
logo
Texas Instruments
TRF7960A TI-TRF7960A Datasheet
2Mb / 68P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
TRF7964A TI1-TRF7964A Datasheet
2Mb / 76P
[Old version datasheet]   MULTI-PROTOCOL FULLY INTEGRATED 13.56-MHz RFID READER/WRITER IC
logo
NXP Semiconductors
CLRC632 NXP-CLRC632 Datasheet
713Kb / 127P
   Standard multi-protocol reader solution
Rev. 3.7-27 February 2014
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
   13.56MHz RFID Transceiver
logo
AMIC Technology
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
   13.56MHz RFID Antenna
logo
WJ Communication. Inc.
MPR6000 WJCI-MPR6000_06 Datasheet
160Kb / 4P
   Multi-Protocol RFID Reader Module EPC Class 0/0 Class1 and Gen2
logo
Holtek Semiconductor In...
HT672A HOLTEK-HT672A_07 Datasheet
120Kb / 8P
   13.56MHz RFID Transponder
HT672B HOLTEK-HT672B Datasheet
131Kb / 8P
   13.56MHz RFID Transponder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com