Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHR-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PHR-12
Description  Disconnectable Crimp style connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PHR-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PHR-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHR-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHR-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHR-12 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHR-12 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHR-12 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHR-12 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
21
This is a thin, low-profile 2.0mm (.079")
pitch connector 7.5mm (.295") in height
after mounting and 4.5mm (.177") in width.
It is designed to meet the demand for
high-density connection of internal wires to
printed circuit boards. It is compact, highly
reliable and low in cost.
Features ––––––––––––––––––––––––
• Reliable contact
The contact has long dimples near the center to ensure a good
connection at all times, even under conditions of vibration and
mechanical abuse, and when used with low voltage and low
current circuits.
• Easy and effective crimping
Although the contact is compact, it has a long wire strip
holding length of 2.6 +/- 0.4mm (.102" +/-.016"). This long
length simplifies automatic crimping and the crimping of
shielded wires.
• Fully shrouded header
The fully shrouded header has walls on all four sides to
prevent improper connection to the mating housing and to
prevent the instruction of flux and other contaminants.
• High solderable square post
The square post is copper-undercoated and tin/lead-plated for
superior solderability and for whisker prevention.
• Printed circuit board retention mechanism
The solder side of the header has a retention mechanism that
prevents it from floating during soldering. As a result, the
header can be positioned accurately.
• Compatible with the KR insulation displacement
connector
The same shrouded header can be used for either PH crimp-
style connector or KR insulation displacement connector. This
allows both types of connector to be used interchangeably
without replacing the header.
• Surface mount model (SMT)
This connector is also available in a surface mount
configuration. Its housing is made of heat resistant resin so
that it is not adversely affected during reflow soldering.
Because of its tiny size and ability to be surface mounted, this
connector meets the demand for high-density mounting of
components inside electronic products.
Specifications –––––––––––––––––––
• Current rating:
2A AC, DC (AWG #24)
• Voltage rating:
100V AC, DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/10m
Ω max.
After environmental testing/20m
Ω max.
• Insulation resistance:
1,000M
Ω min.
• Withstanding voltage:
800V AC/minute
• Applicable wire: AWG #32 to #24
• Applicable PC board thickness: 0.8 to 1.6mm(.031" to .063")
* Contact JST for details
Standards ––––––––––––––––––––––
0RecognizedE60389
1CertifiedLR20812
2R75087
PH CONNECTOR
Disconnectable Crimp style connectors
2.0mm
(.079") pitch
Crimp
Emboss Tape


Similar Part No. - PHR-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHR-12 ETC2-PHR-12 Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-12 ETC2-PHR-12 Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
logo
Power Sonic Corporation
PHR-12100 POWER-SONIC-PHR-12100 Datasheet
429Kb / 2P
   Rechargeable Sealed Lead Acid Battery PHR ??High-Rate Series
PHR-12150 POWER-SONIC-PHR-12150 Datasheet
385Kb / 2P
   Rechargeable Sealed Lead Acid Battery PHR ??High-Rate Series
PHR-12200 POWER-SONIC-PHR-12200 Datasheet
463Kb / 2P
   Rechargeable Sealed Lead Acid Battery PHR ??High-Rate Series
More results

Similar Description - PHR-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com