Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XW2D-40G6 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # XW2D-40G6
Description  Since 2001, CJ1M-series PLCs are in control of a wide variety of applications worldwide.
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2D-40G6 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button XW2D-40G6 Datasheet HTML 7Page - Omron Electronics LLC XW2D-40G6 Datasheet HTML 8Page - Omron Electronics LLC XW2D-40G6 Datasheet HTML 9Page - Omron Electronics LLC XW2D-40G6 Datasheet HTML 10Page - Omron Electronics LLC XW2D-40G6 Datasheet HTML 11Page - Omron Electronics LLC XW2D-40G6 Datasheet HTML 12Page - Omron Electronics LLC XW2D-40G6 Datasheet HTML 13Page - Omron Electronics LLC XW2D-40G6 Datasheet HTML 14Page - Omron Electronics LLC XW2D-40G6 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
11
CJ2M-CPU3
@/-CPU1@/-MD21@
*14.Supported only by the CJ2M-CPU3@.
Function
Description
Function Blocks
Standard programming can be encapsulated as function blocks.
Languages in Function Block Definitions
Ladder programming or structured text
Debugging
Online Editing
The program can be changed during operation (in MONITOR or PROGRAM mode), except for
block programming areas.
Force-Set/Reset
Specified bits can be set or reset.
Force-set/reset to the EM Area is enabled by specifying a start bank in parameter setting.
Differentiate Monitoring
ON/OFF changes in specified bits can be monitored.
Data Tracing
The specified I/O memory data can be stored in the trace memory in the CPU Unit. The
triggers can be set.
Continuous Tracing
The trace data can be uploaded during data tracing using CX-Programmer, which enables
continuously logging the data by constantly uploading the trace data.
Automatically starting tracing when operation
starts
Data tracing can be automatically started when operation is started (i.e., when the operating
mode is changed from PROGRAM mode to MONITOR or RUN mode).
Storing Location of Error when an Error Occurs
The location and task number where execution stopped for a program error is recorded.
Program Check
The programs can be checked for items such as no END instruction and FALS/FAL errors at
startup.
Self-
diagnosis
and
Restoration
Error Log
A function is provided to store predefined error codes in CPU Unit, error information, and time
at which the error occurred.
CPU Error Detection
CPU Unit WDT errors are detected.
User-defined Failure Diagnosis
Errors can be generated for user-specified conditions: Non-fatal errors (FAL) and fatal errors
(FALS).
Program section time diagnosis and program section logic diagnosis are supported (FPD
instruction).
Load OFF Function
This function turns OFF all outputs from Output Units when an error occurs.
RUN Output
The RUN output from the CJ1W-PA205R turns ON while CPU Unit is in RUN mode or
MONITOR mode.
Basic I/O Load Short-circuit Detection
This function provides alarm information from Basic I/O Units that have load short-circuit
protection.
Failure Point Detection
The time and logic of an instruction block can be analyzes using the FPD instruction.
CPU Standby Detection
This function indicates when the CPU Unit is on standby because all Special I/O Units and
CPU Bus Units have not been recognized at the startup in RUN or MONITOR mode.
Non-fatal Error
Detection
System FAL Error Detection
(User-defined non-fatal error)
This function generates a non-fatal (FAL) error when the user-defined conditions are met in
program.
Duplicate Refreshing Error
Detection
This function detects an error when an immediate refreshing Instruction in an interrupt task is
competing with I/O refreshing of a cyclic task.
Basic I/O Unit Error Detection This function detects the errors in Basic I/O Units.
Backup Memory Error
Detection
This function detects errors in the memory backup of the user programs and parameter area
(backup memory).
PLC Setup Error Detection
This function detects setting errors in the PLC Setup.
CPU Bus Unit Error Detection
This function detects an error when there is an error in data exchange between the CPU Unit
and a CPU Bus Unit.
Special I/O Unit Error
Detection
This function detects an error when there is an error in data exchange between the CPU Unit
and a Special I/O Unit.
Tag Memory Error Detection
*14
This function detects errors in tag memory.
Battery Error Detection
This function detects an error when a battery is not connected to the CPU Unit or when the
battery voltage drops.
CPU Bus Unit Setting Error
Detection
This function detects an error when the model of a CPU Bus Unit in the registered I/O tables
does not agree with the model that is actually mounted in the PLC.
Special I/O Unit Setting Error
Detection
This function detects an error when the model of a Special I/O Unit in the registered I/O tables
does not agree with the model of Unit that is actually mounted.
Option Board Error Detection
*14 This function detects the errors in Serial Option Board mounting status.
Fatal Error
Detection
Memory Error Detection
This function detects errors that occur in memory of the CPU Unit.
I/O Bus Error Detection
This function detects when an error occurs in data transfers between the Units mounted in
Rack slots and the CPU Unit and detects when the End Cover is not connected to the CPU
Rack or an Expansion Rack.
Unit/Rack Number
Duplication Error
This function detects an error when the same unit number is set for two or more Units, the
same word is allocated to two or more Basic I/O Units, or the same rack number is set for two
or more Racks.
Too Many I/O Points Error
Detection
This function detects an error when the total number of I/O points set in the I/O tables or the
number of Units per Rack exceeds the specified range.
I/O Setting Error Detection
This function detects an error when the number of Units in the registered I/O tables does not
agree with the actual number of Units that is mounted, or an Interrupt Unit has been connected
in the wrong position, i.e., not in slot 0 to 4.


Similar Part No. - XW2D-40G6

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2D-40G6 OMRON-XW2D-40G6 Datasheet
525Kb / 5P
   Slim Connector-Terminal Block Conversion Units
XW2D-40G6-RF OMRON-XW2D-40G6-RF Datasheet
525Kb / 5P
   Slim Connector-Terminal Block Conversion Units
XW2D-40G6-RM OMRON-XW2D-40G6-RM Datasheet
525Kb / 5P
   Slim Connector-Terminal Block Conversion Units
More results

Similar Description - XW2D-40G6

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
ALPS ELECTRIC CO.,LTD.
EC12D ALPS-EC12D Datasheet
878Kb / 6P
   Insulated shaft type with a wide variety of applications
RK168 ALPS-RK168_15 Datasheet
790Kb / 5P
   Remote controllable and available in a wide variety of products
logo
TE Connectivity Ltd
AA-400 TEC-AA-400 Datasheet
136Kb / 1P
   Wide variety of reflectors available
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
Omron Electronics LLC
E52-P10AE OMRON-E52-P10AE Datasheet
2Mb / 33P
   A WIDE VARIETY OF HIGH-PRECISION TEMPERATURE SENSORS
logo
ALPS ELECTRIC CO.,LTD.
SKHUALE010 ALPS-SKHUALE010 Datasheet
471Kb / 4P
   A wide variety of products including dust-proof type.
logo
TOKYO SEIMITSU CO., LTD
SURFCOM-3DF ACCRETECH-SURFCOM-3DF Datasheet
247Kb / 1P
   Performs a wide variety of 3D solid analysis of intricate surface profile
logo
ALPS ELECTRIC CO.,LTD.
SKHU ALPS-SKHU_15 Datasheet
789Kb / 4P
   A wide variety of products including dust-proof type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com