Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHR-16 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PHR-16
Description  Disconnectable Crimp style connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PHR-16 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PHR-16 Datasheet HTML 1Page - List of Unclassifed Manufacturers PHR-16 Datasheet HTML 2Page - List of Unclassifed Manufacturers PHR-16 Datasheet HTML 3Page - List of Unclassifed Manufacturers PHR-16 Datasheet HTML 4Page - List of Unclassifed Manufacturers PHR-16 Datasheet HTML 5Page - List of Unclassifed Manufacturers PHR-16 Datasheet HTML 6Page - List of Unclassifed Manufacturers PHR-16 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
22
PH CONNECTOR
Note: 1. When using AWG#32 or #30 wires, reflow-treated headers
(Low insertion force type, Model no. B#B-PH-KL or S#B-PH-KL) are
recommendable.
Note: 2. Contact JST for gold-plated contacts.
Contact –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
1.0
(.039)
1.5
(.059)
5.7(.224)
2.85(.112)
2.05(.081)
Model No.
Applicable wire
mm2
AWG #
Insulation O.D. mm(in.)
Q'ty /
reel
Material and Finish
SPH-002T-P0.5S
SPH-004T-P0.5S
0.05 to 0.22
0.032 to 0.08
30 to 24
32 to 28
0.9 to 1.5(.035 to .059)
0.5 to 0.9(.020 to .035)
Phosphor bronze, tin-plated
8,000
10,000
Housing –––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––––
0.6(.024)
A
B
1.9
(.075)
2.0
(.079)
4.5(.177)
Circuit
No.1
Cir-
cuits
Model No.
Dimensions mm(in.)
AB
Q’ty /
box
Material and Finish
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PHR- 2
PHR- 3
PHR- 4
PHR- 5
PHR- 6
PHR- 7
PHR- 8
PHR- 9
PHR-10
PHR-11
PHR-12
PHR-13
PHR-14
PHR-15
PHR-16
2.0( .079)
4.0( .157)
6.0( .236)
8.0( .315)
10.0( .394)
12.0( .472)
14.0( .551)
16.0( .630)
18.0( .709)
20.0( .787)
22.0( .866)
24.0( .945)
26.0(1.024)
28.0(1.102)
30.0(1.181)
5.8( .228)
7.8( .307)
9.8( .386)
11.8( .465)
13.8( .543)
15.8( .622)
17.8( .701)
19.8( .780)
21.8( .858)
23.8( .937)
25.8(1.016)
27.8(1.094)
29.8(1.173)
31.8(1.252)
33.8(1.331)
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Nylon 66, UL94V-0, natural (white)
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PHR-2-oo-
(blank)…natural (white)
BK…black R…red TR…tomato red BL…blue Y…yellow
L…lemon yellow M…green D…orange N…brown
P…purple PK…pink H…gray LE…light blue
FY…vivid yellow


Similar Part No. - PHR-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHR-16 ETC2-PHR-16 Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
PHR-16 ETC2-PHR-16 Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - PHR-16

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com