Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XW2Z-500T Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # XW2Z-500T
Description  Combining the controller and HMI into a single unit contributes to downsizing and standardizing control panels, while eliminating inefficiency, waste, and inconsistency on production sites.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-500T Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button XW2Z-500T Datasheet HTML 7Page - Omron Electronics LLC XW2Z-500T Datasheet HTML 8Page - Omron Electronics LLC XW2Z-500T Datasheet HTML 9Page - Omron Electronics LLC XW2Z-500T Datasheet HTML 10Page - Omron Electronics LLC XW2Z-500T Datasheet HTML 11Page - Omron Electronics LLC XW2Z-500T Datasheet HTML 12Page - Omron Electronics LLC XW2Z-500T Datasheet HTML 13Page - Omron Electronics LLC XW2Z-500T Datasheet HTML 14Page - Omron Electronics LLC XW2Z-500T Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
19
Ordering Information and Specifications
Standard Models .................................................................................................................. 20
■ Controllers............................................................................................................................................ 20
■ Options and Expansion Units............................................................................................................... 21
● Differences between the NSJ@-@@@@-G5D and NSJ@-@@@@-M3D .................................................................. 21
General Specifications..........................................................................................................22
■ NSJ Controllers.................................................................................................................................... 22
■ NSJ Expansion Units ........................................................................................................................... 22
Controller Section Specifications.......................................................................................... 23
Display Section Specifications.............................................................................................. 26
Communications Section Specifications............................................................................... 27
■ DeviceNet Section ............................................................................................................................... 27
■ Controller Link (Wired)......................................................................................................................... 27
■ Ethernet Unit........................................................................................................................................ 28
■ Differences between the Built-in Ethernet and Ethernet Unit Ports ..................................................... 28
Support Software.................................................................................................................. 29
■ Ordering Information............................................................................................................................ 29
Dimensions........................................................................................................................... 30
●International Standards
• The standards are abbreviated as follows: U: UL, U1: UL (Class I
Division 2 Products for Hazardous Locations), C: CSA, UC: cULus,
UC1: cULus (Class I Division 2 Products for Hazardous Locations),
CU: cUL, N: NK, L: Lloyd, and CE: EC Directives.
• Contact your OMRON representative for further details and
applicable conditions for these standards.
●EC Directives
The EC Directives applicable to PLCs include the EMC Directives.
OMRON complies with these directives as described below.
● EMC Directives
Applicable Standards EMI: EN61131-2
EN61000-6-4
EMS: EN61131-2
EN61000-6-2
PLCs are electrical devices that are incorporated in machines and
manufacturing installations. OMRON PLCs conform to the related
EMC standards so that the devices and machines into which they are
built can more easily conform to EMC standards. The actual PLCs
have been checked to ensure conformity to EMC standards. Whether
these standards are satisfied for the actual system, however, must be
checked by the customer.
EMS-related performance will vary depending on the configuration,
wiring, and other conditions of the equipment or control panel in
which the PLC is installed. The customer must, therefore, perform
final checks to confirm that the overall machine or device conforms to
EMC standards.
Note: The applicable EMS standards depend on the product.


Similar Part No. - XW2Z-500T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-500T-2 OMRON-XW2Z-500T-2 Datasheet
1Mb / 22P
   Programmable Controller
XW2Z-500T-2 OMRON-XW2Z-500T-2 Datasheet
984Kb / 5P
   Programmable Terminals
More results

Similar Description - XW2Z-500T

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ACBC-120 LITTELFUSE-ACBC-120 Datasheet
340Kb / 2P
   Alarm Controller and Battery Charger for pump control panels
2016 Rev: 1-A-062716
logo
ALPS ELECTRIC CO.,LTD.
RKJXM ALPS-RKJXM_15 Datasheet
820Kb / 4P
   Single and dual shaft structured device contributes to simple operation and space saving
logo
ATMEL Corporation
TK600-RC014T-42 ATMEL-TK600-RC014T-42 Datasheet
472Kb / 2P
   J3 and J4 mates up to the socket card while J1 and J2 goes down to the mother board
logo
Hirose Electric
FI HIROSE-FI_10 Datasheet
1Mb / 7P
   1.27 mm contact pitch contributes to downsizing of electrical devices.
logo
Marktech Corporate
TB6718AFG MARKTECH-TB6718AFG Datasheet
512Kb / 31P
   Controller and Driver for Full-color LED Modules and Panels
TB62718AFG MARKTECH-TB62718AFG Datasheet
512Kb / 31P
   Controller and Driver for Full-color LED Modules and Panels
logo
Omron Electronics LLC
E39-RSB OMRON-E39-RSB Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier Contributes to Equipment Downsizing
logo
TE Connectivity Ltd
W33 TEC-W33 Datasheet
68Kb / 2P
   Combines on/off switch and circuit protection in a single unit.
logo
ALPS ELECTRIC CO.,LTD.
RS60N11S4006 ALPS-RS60N11S4006 Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
RSN11S ALPS-RSN11S Datasheet
816Kb / 5P
   The thinnest possible body contributes to reduced size, height and weight of the set product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com