Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3B-PH-K-S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # B3B-PH-K-S
Description  Disconnectable Crimp style connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B3B-PH-K-S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  B3B-PH-K-S Datasheet HTML 1Page - List of Unclassifed Manufacturers B3B-PH-K-S Datasheet HTML 2Page - List of Unclassifed Manufacturers B3B-PH-K-S Datasheet HTML 3Page - List of Unclassifed Manufacturers B3B-PH-K-S Datasheet HTML 4Page - List of Unclassifed Manufacturers B3B-PH-K-S Datasheet HTML 5Page - List of Unclassifed Manufacturers B3B-PH-K-S Datasheet HTML 6Page - List of Unclassifed Manufacturers B3B-PH-K-S Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
25
SMT type shrouded header –––––––––––––––––––––––––––––––––––––––––––––––––
•The shrouded headers are interchangeable with those of the KR, KRD and CR insulation displacement connectors.
•SMT type shrouded headers are not TU
¨ V approved.
B
A
2.975
(.117)
2.0(.079)
5.0
(.197)
2.0
(.079)
1.9(.075)
2.2
[
]
(.087)
1.4
(.055)
Circuit No.1
B
A
2.95
(.116)
2.0
(.079)
6.0(.236)
(.063)
1.6
2.6
(.102)
[
]
SM3 type
Side entry type
Top entry type (with solder tabs)
Cir-
cuits
Model No.
Dimensions mm(in.)
Top entry
type
Side entry
type
Top entry type Side entry type
A
B
Q'ty /
reel
Material and Finish
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
B 2B-PH-SM3-TB
B 3B-PH-SM3-TB
B 4B-PH-SM3-TB
B 5B-PH-SM3-TB
B 6B-PH-SM3-TB
B 7B-PH-SM3-TB
B 8B-PH-SM3-TB
B 9B-PH-SM3-TB
B10B-PH-SM3-TB
B11B-PH-SM3-TB
B12B-PH-SM3-TB
B13B-PH-SM3-TB
B14B-PH-SM3-TB
B15B-PH-SM3-TB
B16B-PH-SM3-TB
S 2B-PH-SM3-TB
S 3B-PH-SM3-TB
S 4B-PH-SM3-TB
S 5B-PH-SM3-TB
S 6B-PH-SM3-TB
S 7B-PH-SM3-TB
S 8B-PH-SM3-TB
S 9B-PH-SM3-TB
S10B-PH-SM3-TB
S12B-PH-SM3-TB
S13B-PH-SM3-TB
S14B-PH-SM3-TB
S15B-PH-SM3-TB
2.0( .079)
4.0( .157)
6.0( .236)
8.0( .315)
10.0( .394)
12.0( .472)
14.0( .551)
16.0( .630)
18.0( .709)
20.0( .787)
22.0( .866)
24.0( .945)
26.0(1.024)
28.0(1.102)
30.0(1.181)
7.9( .311)
9.9( .390)
11.9( .469)
13.9( .547)
15.9( .626)
17.9( .705)
19.9( .783)
21.9( .862)
23.9( .941)
25.9(1.020)
27.9(1.098)
29.9(1.177)
31.9(1.256)
33.9(1.335)
35.9(1.413)
7.95( .313)
9.95( .392)
11.95( .470)
13.95( .549)
15.95( .628)
17.95( .707)
19.95( .785)
21.95( .864)
23.95( .943)
25.95(1.022)
27.95(1.100)
29.95(1.179)
31.95(1.258)
33.95(1.337)
35.95(1.415)
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Post: Copper alloy, copper-undercoated, tin/lead-plated
Wafer: Nylon 46, UL94V-0, natural (white)
Solder tab: Brass, copper-undercoated, tin/lead-plated
Note:
1. The products listed above are supplied on embossed-tape.
2. Contact JST for the top entry type headers with suction cap.
PH CONNECTOR
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B2B-PH-SM3-oo-TB
(blank)…natural (white)
R…red E…blue


Similar Part No. - B3B-PH-K-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B3B-PH-K-S ETC2-B3B-PH-K-S Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - B3B-PH-K-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com