Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XW2Z-200J-B4 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XW2Z-200J-B4
Description  Simplify Wiring between Motor Controls and Omrons Position Control PLC Modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-200J-B4 Datasheet(HTML) 2 Page - Omron Electronics LLC

  XW2Z-200J-B4 Datasheet HTML 1Page - Omron Electronics LLC XW2Z-200J-B4 Datasheet HTML 2Page - Omron Electronics LLC XW2Z-200J-B4 Datasheet HTML 3Page - Omron Electronics LLC XW2Z-200J-B4 Datasheet HTML 4Page - Omron Electronics LLC XW2Z-200J-B4 Datasheet HTML 5Page - Omron Electronics LLC XW2Z-200J-B4 Datasheet HTML 6Page - Omron Electronics LLC XW2Z-200J-B4 Datasheet HTML 7Page - Omron Electronics LLC XW2Z-200J-B4 Datasheet HTML 8Page - Omron Electronics LLC XW2Z-200J-B4 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
WX2B
WX2B
2
Cables Between PLC Position Control Module and Terminal Block
Appearance
Position control
terminal block
Applicable position
control module
Cable length
Part number
XW2B-20J6-1B
C200H-NC112 (for one axis)
0.5m (1.64ft)
XW2Z-050J-A1
1m (3.28ft)
XW2Z-100J-A1
XW2B-40J6-2B
C200H-NC211 (for two axes)
0.5m (1.64ft)
XW2Z-050J-A2
1m (3.28ft)
XW2Z-100J-A2
XW2B-20J6-3B
(SeeNote1)
CQM1H-PLB21 (for one or
two axes)
0.5m (1.64ft)
XW2Z-050J-A3
(See Note 1)
two axes)
1m (3.28ft)
XW2Z-100J-A3
XW2B-20J6-1B
C200H-NC113 (for one axis)
0.5m (1.64ft)
XW2Z-050J-A6
1m (3.28ft)
XW2Z-100J-A6
XW2B-40J6-2B
(See Note 2)
C200HW-NC213 (for two axes)
C200HW-NC413 (for four axes)
0.5m (1.64ft)
XW2Z-050J-A7
1m (3.28ft)
XW2Z-100J-A7
Note: 1. Two cables each will be required on the Servo Terminal Block and Position Control Module side, and on the Servo Driver side if
the CQM1H-PLB21 is used for two axes.
2. Two cables each will be required on the Servo Terminal Block and Position Control Module side, and on the Servo Driver side if
the C200HW-NC413 (four axes) is used for two axes.


Similar Part No. - XW2Z-200J-B4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-200J-B24 OMRON-XW2Z-200J-B24 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
XW2Z-200J-B25 OMRON-XW2Z-200J-B25 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
XW2Z-200J-B28 OMRON-XW2Z-200J-B28 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
XW2Z-200J-B29 OMRON-XW2Z-200J-B29 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
XW2Z-200J-B31 OMRON-XW2Z-200J-B31 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
More results

Similar Description - XW2Z-200J-B4

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XM2D-0901 OMRON-XM2D-0901 Datasheet
1Mb / 22P
   PLC Cable and Wiring Guide
logo
Microchip Technology
LR8 MICROCHIP-LR8 Datasheet
452Kb / 16P
   Motor controls
01/27/15
logo
STMicroelectronics
L9909 STMICROELECTRONICS-L9909 Datasheet
72Kb / 9P
   DC MOTOR DRIVER WITH POSITION CONTROL
logo
List of Unclassifed Man...
EFAC230 ETC2-EFAC230 Datasheet
65Kb / 2P
   Current and Voltage Controls Frequency Monitoring Control
logo
Omron Electronics LLC
F39-TC5 OMRON-F39-TC5 Datasheet
338Kb / 8P
   Significantly reduces amount of wiring between Safety Light Curtains and Muting Sensors.
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
Mitsubishi Electric Sem...
PM200RSE060 MITSUBISHI-PM200RSE060 Datasheet
127Kb / 6P
   General purpose inverter, servo drives and other motor controls
PM300RSE060 MITSUBISHI-PM300RSE060 Datasheet
127Kb / 6P
   General purpose inverter, servo drives and other motor controls
PM150CSE060 MITSUBISHI-PM150CSE060 Datasheet
135Kb / 6P
   General purpose inverter, servo drives and other motor controls
logo
List of Unclassifed Man...
SM170400 ETC2-SM170400 Datasheet
74Kb / 2P
   Current and Voltage Controls 3-Phase Voltage Sequence Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com