Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX-LD40L Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # ZX-LD40L
Description  Smart Sensors (Laser Type) ZX Series (ZX-L-N)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX-LD40L Datasheet(HTML) 4 Page - Omron Electronics LLC

  ZX-LD40L Datasheet HTML 1Page - Omron Electronics LLC ZX-LD40L Datasheet HTML 2Page - Omron Electronics LLC ZX-LD40L Datasheet HTML 3Page - Omron Electronics LLC ZX-LD40L Datasheet HTML 4Page - Omron Electronics LLC ZX-LD40L Datasheet HTML 5Page - Omron Electronics LLC ZX-LD40L Datasheet HTML 6Page - Omron Electronics LLC ZX-LD40L Datasheet HTML 7Page - Omron Electronics LLC ZX-LD40L Datasheet HTML 8Page - Omron Electronics LLC ZX-LD40L Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
ZX Series (ZX-L-N) Smart Sensors (Laser Type)
■ Sensor Heads (Through-beam)
Item
Model
ZX-LT001
ZX-LT005
ZX-LT010
ZX-LT030
Optical system
Through-beam
Light source
(wave length)
Visible-light semiconductor laser with a wavelength of 650 nm
EN class 1, FDA class II
Maximum output
0.2 mW max.
0.35 mW max.
0.2 mW max.
Measurement width
1-mm dia.
1- to 2.5-mm dia. 5 mm
10 mm
30 mm
Measurement
distance
0 to 500 mm
500 to 2,000 mm 0 to 500 mm
Minimum sensing
object
8-
µm dia.
(opaque)
8- to 50-
µm dia.
(opaque)
0.05-mm dia. (opaque)
0.1-mm dia. (opaque)
0.3-mm dia. (opaque)
Resolution*1
*1. This value is obtained by converting the deviation (
±3σ) in the linear output that results when the sensor head is connected to the amplifier unit,
into the measurement width.
4
µm *2
*2. For an average count of 64. The value is 5
µm for an average count of 32.
This is the value that results when a minimum sensing object blocks the light near the center of the 1-mm measurement width.
---
4
µm *3
*3. For an average count of 64. The value is 5
µm for an average count of 32.
12
µm *4
*4. For an average count of 64. The value is 15
µm for an average count of 32.
Temperature
characteristic
±0.2% FS/°C
±0.3% FS/°C
Ambient illumination
Incandescent lamp: 10,000 l
× max. (on light-receiving side)
Ambient temperature
Operating: 0 to 50
°C, Storage: −25 to 70°C (with no icing or condensation)
Ambient humidity
Operating: 35% to 85% (with no condensation)
Degree of protection
IEC60529, IP40
Connection method
Connector relay (standard cable length: 500 mm)
Weight (packed state) Approx. 220 g
Approx. 450 g
Cable length
Extendable up to 10 m with special extension cable.
Materials
Case
Polyetherimide
Zinc die-cast
Cover
Polycarbonate
Front filter Glass
Tightening torque
0.3 N
⋅m max.
Accessories
Instruction sheet, Sensor Head-Amplifier Connection Cable
Optical axis adjustment seal
Mounting Bracket


Similar Description - ZX-LD40L

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZX2 OMRON-ZX2 Datasheet
4Mb / 15P
   Smart Sensors Laser Sensors CMOS Type
logo
ATGBICS by Approved Tec...
SFP-ZX-80-C ATGBICS-SFP-ZX-80-C Datasheet
286Kb / 8P
   SFP-ZX-80 Brocade Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
DELL-1000-ZX-C ATGBICS-DELL-1000-ZX-C Datasheet
286Kb / 8P
   DELL1000-ZX Dell Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
ET4201-ZX-C ATGBICS-ET4201-ZX-C Datasheet
286Kb / 8P
   ET4201-ZX Edgecore Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
GLC-ZX-SMD-C ATGBICS-GLC-ZX-SMD-C Datasheet
287Kb / 8P
   GLC-ZX-SMD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
FR-TRAN-ZX-C ATGBICS-FR-TRAN-ZX-C Datasheet
286Kb / 8P
   FR-TRAN-ZX Fortinet Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
ONS-SI-GE-ZX-C ATGBICS-ONS-SI-GE-ZX-C Datasheet
286Kb / 8P
   ONS-SI-GE-ZX Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
GLC-ZX-SM-RGD-C ATGBICS-GLC-ZX-SM-RGD-C Datasheet
286Kb / 8P
   GLC-ZX-SM-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
GLC-ZX-SMD-RGD-C ATGBICS-GLC-ZX-SMD-RGD-C Datasheet
286Kb / 8P
   GLC-ZX-SMD-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
1184562P5-C ATGBICS-1184562P5-C Datasheet
265Kb / 8P
   1184562P5 AdTran Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com