Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX-LD30V Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # ZX-LD30V
Description  Smart Sensors (Laser Type) ZX Series (ZX-L-N)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX-LD30V Datasheet(HTML) 5 Page - Omron Electronics LLC

  ZX-LD30V Datasheet HTML 1Page - Omron Electronics LLC ZX-LD30V Datasheet HTML 2Page - Omron Electronics LLC ZX-LD30V Datasheet HTML 3Page - Omron Electronics LLC ZX-LD30V Datasheet HTML 4Page - Omron Electronics LLC ZX-LD30V Datasheet HTML 5Page - Omron Electronics LLC ZX-LD30V Datasheet HTML 6Page - Omron Electronics LLC ZX-LD30V Datasheet HTML 7Page - Omron Electronics LLC ZX-LD30V Datasheet HTML 8Page - Omron Electronics LLC ZX-LD30V Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZX Series (ZX-L-N) Smart Sensors (Laser Type)
5
■ Amplifier Units
Item
Model
ZX-LDA11-N
ZX-LDA41-N
Measurement period
150
µs
Possible average count settings*1
*1. The response speed of the linear output is calculated as the measurement period
× (average count setting + 1) (with fixed sensitivity).
The response speed of the judgement outputs is calculated as the measurement period
× (average count setting + 1) (with fixed sensitivity).
1, 2, 4, 8, 16, 32, 64, 128, 256, 512, 1,024, 2,048, or 4,096
Temperature characteristic
When connected to a Reflective Sensor Head: 0.01% FS/
°C, When connected to a Through-beam Sensor
Head: 0.1% FS/
°C
Linear output*2
*2. The output can be switched between a current output and voltage output using a switch on the bottom of the Amplifier Unit.
4 to 20 mA/FS, Max. load resistance: 300
Ω, ±4 V (± 5 V, 1 to 5 V *3), Output impedance: 100 Ω
*3. Setting is possible via the monitor focus function.
Judgement outputs
(3 outputs: HIGH/PASS/LOW)*1
NPN open-collector outputs, 30 VDC, 50 mA max.
Residual voltage: 1.2 V max.
PNP open-collector outputs, 30 VDC, 50 mA max.
Residual voltage: 2 V max.
Laser OFF input, zero reset input,
timing input, reset input
ON: Short-circuited with 0-V terminal or 1.5 V or less
OFF: Open (leakage current: 0.1 mA max.)
ON: Supply voltage short-circuited or supply voltage
within 1.5 V
OFF: Open (leakage current: 0.1 mA max.)
Functions
Measurement value display, present value/set value/light level/resolution display, scaling, display reverse,
display OFF mode, ECO mode, number of display digit changes, sample hold, peak hold, bottom hold,
peak-to-peak hold, self-peak hold, self-bottom hold, average hold, delay hold, intensity mode, zero reset,
initial reset, ON-delay timer, OFF-delay timer, one-shot timer, deviation, previous value comparison,
sensitivity adjustment, keep/clamp switch, direct threshold value setting, position teaching, 2-point
teaching, automatic teaching, hysteresis width setting, timing inputs, reset input, monitor focus, linear
output compensation, (A-B) calculations*4, (A+B) calculations*4, mutual interference*4, laser
deterioration detection, zero reset memory, zero reset display, key lock
*4. A Calculating Unit (ZX-CAL2) is required.
Indications
Operation indicators: High (orange), pass (green), low (yellow), 7-segment main display (red), 7-segment
subdisplay (yellow), laser ON (green), zero reset (green), enable (green)
Power supply voltage
12 to 24 VDC
±10%, Ripple (p-p): 10% max.
Current consumption
140 mA max. with power supply voltage of 24 VDC (with Sensor connected)
Ambient temperature
Operating: 0 to 50
°C, Storage: −15 to 60°C (with no icing or condensation)
Ambient humidity
Operating and storage: 35% to 85% (with no condensation)
Insulation resistance
20 M
Ω min. at 500 VDC
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Vibration resistance
(destruction)
10 to 150 Hz, 0.7-mm double amplitude 80 min each in X, Y, and Z directions
Shock resistance
(destruction)
300 m/s2 3 times each in six directions (up/down, left/right, forward/backward)
Connection method
Prewired (standard cable length: 2 m)
Weight (packed state)
Approx. 350 g
Materials
Case: PBT (polybutylene terephthalate), Cover: Polycarbonate
Accessories
Instruction sheet


Similar Description - ZX-LD30V

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZX2 OMRON-ZX2 Datasheet
4Mb / 15P
   Smart Sensors Laser Sensors CMOS Type
logo
ATGBICS by Approved Tec...
SFP-ZX-80-C ATGBICS-SFP-ZX-80-C Datasheet
286Kb / 8P
   SFP-ZX-80 Brocade Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
DELL-1000-ZX-C ATGBICS-DELL-1000-ZX-C Datasheet
286Kb / 8P
   DELL1000-ZX Dell Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
ET4201-ZX-C ATGBICS-ET4201-ZX-C Datasheet
286Kb / 8P
   ET4201-ZX Edgecore Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
GLC-ZX-SMD-C ATGBICS-GLC-ZX-SMD-C Datasheet
287Kb / 8P
   GLC-ZX-SMD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
FR-TRAN-ZX-C ATGBICS-FR-TRAN-ZX-C Datasheet
286Kb / 8P
   FR-TRAN-ZX Fortinet Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
ONS-SI-GE-ZX-C ATGBICS-ONS-SI-GE-ZX-C Datasheet
286Kb / 8P
   ONS-SI-GE-ZX Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
GLC-ZX-SM-RGD-C ATGBICS-GLC-ZX-SM-RGD-C Datasheet
286Kb / 8P
   GLC-ZX-SM-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
GLC-ZX-SMD-RGD-C ATGBICS-GLC-ZX-SMD-RGD-C Datasheet
286Kb / 8P
   GLC-ZX-SMD-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
1184562P5-C ATGBICS-1184562P5-C Datasheet
265Kb / 8P
   1184562P5 AdTran Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com