Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B12B-PH-K-S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # B12B-PH-K-S
Description  Disconnectable Crimp style connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B12B-PH-K-S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  B12B-PH-K-S Datasheet HTML 1Page - List of Unclassifed Manufacturers B12B-PH-K-S Datasheet HTML 2Page - List of Unclassifed Manufacturers B12B-PH-K-S Datasheet HTML 3Page - List of Unclassifed Manufacturers B12B-PH-K-S Datasheet HTML 4Page - List of Unclassifed Manufacturers B12B-PH-K-S Datasheet HTML 5Page - List of Unclassifed Manufacturers B12B-PH-K-S Datasheet HTML 6Page - List of Unclassifed Manufacturers B12B-PH-K-S Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
26
PH CONNECTOR
Taping specifications of SM3 type shrouded headers –––––––––––––––––––––––––––
Feeding direction
(W1
+.098
- .039
[13.0(.512)dia.]
W1
+ 2.5
- 1.0
)
Cover tape leader area
Carrier tape
Feeding direction
Connector
loaded area
150.0
(5.906)min.
Tail tape
(Unloaded area)
40.0(1.575)min.
Lead tape
(Unloaded area)
20 vacancies min.
2.0
± 0.5
(.079
± .020)
4.0
±0.1
(.157
±.004)
Feeding direction
2.0
±0.1
(.079
±.004)
1.55
±0.05
(.061
±.002)dia.
12.0
±0.1
(.472
±.004)
0.38
±0.05
(.015
±.002)
Cover tape
Carrier tape
4.0
±0.1
(.157
±.004)
2.0
±0.1
(.079
±.004)
12.0
±0.1
(.472
±.004)
Feeding direction
1.55
±0.05
(.061
±.002)dia.
0.38
±0.05
(.015
±.002)
Cover tape
Carrier tape
4.0
±0.1
(.157
±.004)
2.0
±0.1
(.079
±.004)
12.0
±0.1
(.472
±.004)
0.38
±0.05
(.015
±.002)
1.55
±0.05
(.061
±.002)dia.
Feeding direction
Cover tape
Carrier tape
4.0
±0.1
(.157
±.004)
2.0
±0.1
(.079
±.004)
12.0
±0.1
(.472
±.004)
Feeding direction
1.55
±0.05
(.061
±.002)dia.
0.38
±0.05
(.015
±.002)
Carrier tape
Cover tape
Top entry type
(2 to 6 circuits)
Top entry type
(7 to 16 circuits)
Note:
1. Specifications conform to JIS C 0806. The tape width, connector
loading recess square hole dimensions, etc. are determined by the
number of circuits and external shape of the connector to be loaded.
2. Specifications are subject to change without prior notice.
17.5( .689)
25.5(1.004)
33.5(1.319)
45.5(1.791)
57.5(2.264)
17.5( .689)
25.5(1.004)
33.5(1.319)
45.5(1.791)
57.5(2.264)
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
FS
W
W1
16.0( .630)
24.0( .945)
32.0(1.260)
44.0(1.732)
56.0(2.205)
16.0( .630)
24.0( .945)
32.0(1.260)
44.0(1.732)
56.0(2.205)
28.4(1.118)
40.4(1.591)
52.4(2.063)
28.4(1.118)
40.4(1.591)
52.4(2.063)
7.5( .295)
11.5( .453)
14.2( .559)
20.2( .795)
26.2(1.031)
7.5( .295)
11.5( .453)
14.2( .559)
20.2( .795)
26.2(1.031)
2 to 3
4 to 6
7 to 9
10 to 14
15 to 16
2 to 3
4 to 6
7 to 9
10 to 14
15
Circuits
Taping dimensions mm(in.)
Q'ty /
reel
Reel dimensions
mm(in.)
Top entry
type
Side entry
type
Side entry type
(2 to 6 circuits)
Side entry type
(7 to 15 circuits)


Similar Part No. - B12B-PH-K-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B12B-PH-K-S ETC2-B12B-PH-K-S Datasheet
122Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - B12B-PH-K-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
B10B-PHDSS ETC2-B10B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SXH-001T-P0.6N JST-SXH-001T-P0.6N Datasheet
228Kb / 9P
   Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
EHR-15 ETC1-EHR-15 Datasheet
142Kb / 6P
   Disconnectable Crimp style connectors
B4B-ZR-SM3-TF ETC2-B4B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com