Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP7030 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDP7030
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP7030 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDP7030 Datasheet HTML 1Page - Fairchild Semiconductor FDP7030 Datasheet HTML 2Page - Fairchild Semiconductor FDP7030 Datasheet HTML 3Page - Fairchild Semiconductor FDP7030 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
April 1998
FDP7030L / FDB7030L
N-Channel Logic Level Enhancement Mode Field Effect Transistor
General Description
Features
_________________________________________________________________________________
Absolute Maximum Ratings
T
C = 25°C unless otherwise noted
Symbol
Parameter
FDP7030L
FDB7030L
Units
V
DSS
Drain-Source Voltage
30
V
V
GSS
Gate-Source Voltage - Continuous
±20
V
I
D
Drain Current
- Continuous
(Note 1)
100
A
75
- Pulsed
(Note 1)
300
P
D
Total Power Dissipation @ T
C = 25°C
125
W
Derate above 25°C
0.83
W/°C
T
J,TSTG
Operating and Storage Temperature Range
-65 to 175
°C
T
L
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
275
°C
THERMAL CHARACTERISTICS
RθJC
Thermal Resistance, Junction-to-Case
1.2
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W
FDP7030L Rev.D
1
100 A, 30 V. R
DS(ON) = 0.007 @
V
GS=10 V
R
DS(ON) = 0.010 @
V
GS=5 V.
Critical DC electrical parameters specified at elevated
temperature.
Rugged internal source-drain diode can eliminate the need
for an external Zener diode transient suppressor.
High density cell design for extremely low R
DS(ON).
175°C maximum junction temperature rating.
These N-Channel logic level enhancement mode power field
effect transistors are produced using Fairchild's proprietary,
high cell density, DMOS technology. This very high density
process is especially tailored to minimize on-state resistance.
These devices are particularly suited for low voltage
applications such as DC/DC converters and high efficiency
switching circuits where fast switching, low in-line power
loss, and resistance to transients are needed.
S
D
G
© 1998 Fairchild Semiconductor Corporation


Similar Part No. - FDP7030

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP7030 FAIRCHILD-FDP7030 Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
logo
Inchange Semiconductor ...
FDP7030BL ISC-FDP7030BL Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP7030BLS FAIRCHILD-FDP7030BLS Datasheet
82Kb / 6P
   30V N-Channel PowerTrench짰SyncFET?
logo
Inchange Semiconductor ...
FDP7030L ISC-FDP7030L Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP7030

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com