Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XW2Z-100J-A7 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XW2Z-100J-A7
Description  Simplify Wiring between Motor Controls and Omrons Position Control PLC Modules
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XW2Z-100J-A7 Datasheet(HTML) 1 Page - Omron Electronics LLC

  XW2Z-100J-A7 Datasheet HTML 1Page - Omron Electronics LLC XW2Z-100J-A7 Datasheet HTML 2Page - Omron Electronics LLC XW2Z-100J-A7 Datasheet HTML 3Page - Omron Electronics LLC XW2Z-100J-A7 Datasheet HTML 4Page - Omron Electronics LLC XW2Z-100J-A7 Datasheet HTML 5Page - Omron Electronics LLC XW2Z-100J-A7 Datasheet HTML 6Page - Omron Electronics LLC XW2Z-100J-A7 Datasheet HTML 7Page - Omron Electronics LLC XW2Z-100J-A7 Datasheet HTML 8Page - Omron Electronics LLC XW2Z-100J-A7 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Position Control Terminal Block
XW2B
Simplify Wiring between Motor Controls
and Omron’s Position Control PLC
Modules
H
Relays control signals between a servo
driver and the PLC position control module
or CQM1H PLC with pulse I/O capability
H
Connectors are wired with a single
screwdriver and no soldering is required
H
Dedicated cables connect terminal blocks to
position control modules
H
Requires 24 VDC for control signal use
H
Terminal block organizes wiring and saves
space; uses M3 screws
H
Mounts to DIN track or with screws for
panel mounting
NTLP: Don’t forget the standards.
Ordering Information
J
POSITION CONTROL TERMINAL BLOCKS
Appearance
Applicable servo driver
Applicable position control
module/CQM1H
Pulse I/O Board
Part number
U-series: R88D-UPjjj
W-series: R88D-WTjjj
C200H-NC112
C200HW-NC113
XW2B-20J6-1B
C200H-NC211
C200HW-NC213
C200HW-NC413
XW2B-40J6-2B
CQM1H-PLB21
XW2B-20J6-3B
J
CABLES
Cables Between Servo Driver and Terminal Block
Appearance
Position control
terminal block
Applicable servo driver
Cable length
Part number
XW2B-20J6-1B,
XW2B 40J6 2B
R88D-UPjjj
1 m (3.28 ft)
XW2Z-100J-B1
,
XW2B-40J6-2B
(See Note)
88 U jjj
2 m (6.56 ft)
XW2Z-200J-B1
(See Note)
XW2B-20J6-3B
R88D-WTjjjj
1 m (3.28 ft)
XW2Z-100J-B4
XW2B 20J6 3B
88
jjjj
2 m (6.56 ft.)
XW2Z-200J-B4
Note: Two cables will be required on the Servo Driver side if the XW2B-40J6-2B Terminal Block is used for two-axis control.


Similar Part No. - XW2Z-100J-A7

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XW2Z-100J-A7 OMRON-XW2Z-100J-A7 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
XW2Z-100J-A7 OMRON-XW2Z-100J-A7 Datasheet
1Mb / 12P
   SmartStep 2 servo drive
More results

Similar Description - XW2Z-100J-A7

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XM2D-0901 OMRON-XM2D-0901 Datasheet
1Mb / 22P
   PLC Cable and Wiring Guide
logo
Microchip Technology
LR8 MICROCHIP-LR8 Datasheet
452Kb / 16P
   Motor controls
01/27/15
logo
STMicroelectronics
L9909 STMICROELECTRONICS-L9909 Datasheet
72Kb / 9P
   DC MOTOR DRIVER WITH POSITION CONTROL
logo
List of Unclassifed Man...
EFAC230 ETC2-EFAC230 Datasheet
65Kb / 2P
   Current and Voltage Controls Frequency Monitoring Control
logo
Omron Electronics LLC
F39-TC5 OMRON-F39-TC5 Datasheet
338Kb / 8P
   Significantly reduces amount of wiring between Safety Light Curtains and Muting Sensors.
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
   Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
Mitsubishi Electric Sem...
PM200RSE060 MITSUBISHI-PM200RSE060 Datasheet
127Kb / 6P
   General purpose inverter, servo drives and other motor controls
PM300RSE060 MITSUBISHI-PM300RSE060 Datasheet
127Kb / 6P
   General purpose inverter, servo drives and other motor controls
PM150CSE060 MITSUBISHI-PM150CSE060 Datasheet
135Kb / 6P
   General purpose inverter, servo drives and other motor controls
logo
List of Unclassifed Man...
SM170400 ETC2-SM170400 Datasheet
74Kb / 2P
   Current and Voltage Controls 3-Phase Voltage Sequence Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com