Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PGA5807 Datasheet(PDF) 5 Page - Texas Instruments

Part # PGA5807
Description  8-Channel, High-Bandwidth, Analog Front-End
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PGA5807 Datasheet(HTML) 5 Page - Texas Instruments

  PGA5807 Datasheet HTML 1Page - Texas Instruments PGA5807 Datasheet HTML 2Page - Texas Instruments PGA5807 Datasheet HTML 3Page - Texas Instruments PGA5807 Datasheet HTML 4Page - Texas Instruments PGA5807 Datasheet HTML 5Page - Texas Instruments PGA5807 Datasheet HTML 6Page - Texas Instruments PGA5807 Datasheet HTML 7Page - Texas Instruments PGA5807 Datasheet HTML 8Page - Texas Instruments PGA5807 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
PGA5807
www.ti.com
SBAS617B – MAY 2013 – REVISED JUNE 2013
Table 1. PIN FUNCTIONS
NAME
NO.
FUNCTION
DESCRIPTION
AVDD
17, 28, 31, 49, 62-64
Supply
Analog supply pin, 3.3 V
AVSS
19, 20, 24, 27, 29, 50, 54, 61
Ground
Analog ground
When RESET is high, this pin is used to program the PGA gain.
GAIN0
51
Digital input
Refer to Table 2 for more details. Note: Use 3.3-V logic.
When RESET is high, this pin is used to program the PGA gain.
GAIN1
52
Digital input
Refer to Table 2 for more details. Note: Use 3.3-V logic.
When RESET is high, this pin is used to program the PGA gain.
GAIN2
56
Digital input
Refer to Table 2 for more details. Note: Use 3.3-V logic.
INM1 to
Complimentary analog inputs for channels 1 to 8.
2, 4, 6, 8, 10, 12, 14, 16
Input
INM8
The dc input common-mode can be 2.1 V ± 200 mV.
Analog inputs for channels 1 to 8.
INP1 to INP8
1, 3, 5, 7, 9, 11, 13, 15
Input
The dc input common-mode can be 2.1 V ± 200 mV.
NC
21-23, 25, 26, 30, 32
Unused pins; do not connect
OUTM1 to
33, 35, 37, 39, 41, 43, 45, 47
Output
Complimentary output pins with a 0.95-V common-mode voltage
OUTM8
OUTP1 to
34, 36, 38, 40, 42, 44, 46, 48
Output
Output pins with a 0.95-V common-mode voltage
OUTP8
Partial power-down control pin for the entire device with an internal 20-k
Ω
PDN
53
Digital input
pull-down resistor; active high. Note: Use 3.3-V logic.
RESET
60
Digital input
Logic hardware reset pin. Note: Use 3.3-V logic.
Serial interface clock pin with an internal 20-k
Ω pull-down resistor. Note: Use
SCLK
59
Digital input
3.3-V logic.
Serial interface data input with an internal 20-k
Ω pull-down resistor. When
RESET is high, the corner frequency for the antialias filter can be
SDATA
58
Digital input
programmed to a lower frequency (60 MHz) by setting this pin high. Note:
Use 3.3-V logic.
SDOUT
55
Digital output Serial interface readout pin
Serial interface enabled for channels 1 to 8 with an internal 20-k
Ω pull-up
SEN
57
Digital input
resistor; active low. Note: Use 3.3-V logic.
VBIAS
18
Decap
Bias voltage; bypass to ground with a 1-
μF capacitor or greater
Table 2. PGA Gain Control
GAIN[2:0]
PGA_GAIN (dB)
000
18
001
15
010
12
011
9
100
6
101
3
110
0
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: PGA5807


Similar Part No. - PGA5807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA5807A TI1-PGA5807A Datasheet
948Kb / 27P
[Old version datasheet]   8-Channel, High-Bandwidth, Analog Front-End
PGA5807A TI1-PGA5807A Datasheet
948Kb / 27P
[Old version datasheet]   8-Channel, High-Bandwidth, Analog Front-End
PGA5807ARGCR TI1-PGA5807ARGCR Datasheet
948Kb / 27P
[Old version datasheet]   8-Channel, High-Bandwidth, Analog Front-End
PGA5807ARGCR TI1-PGA5807ARGCR Datasheet
948Kb / 27P
[Old version datasheet]   8-Channel, High-Bandwidth, Analog Front-End
PGA5807ARGCT TI1-PGA5807ARGCT Datasheet
948Kb / 27P
[Old version datasheet]   8-Channel, High-Bandwidth, Analog Front-End
More results

Similar Description - PGA5807

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA5807A TI1-PGA5807A Datasheet
948Kb / 27P
[Old version datasheet]   8-Channel, High-Bandwidth, Analog Front-End
PGA5807A TI1-PGA5807A Datasheet
948Kb / 27P
[Old version datasheet]   8-Channel, High-Bandwidth, Analog Front-End
AFE5805 TI-AFE5805 Datasheet
417Kb / 32P
[Old version datasheet]   8-CHANNEL ANALOG FRONT-END FOR ULTRASOUND
logo
Maxim Integrated Produc...
MAX11046B MAXIM-MAX11046B Datasheet
660Kb / 10P
   8-Channel Simultaneous- Sampling Analog Front End
2013
logo
Texas Instruments
AFE5807ZCF TI1-AFE5807ZCF Datasheet
1Mb / 74P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
AFE5803 TI-AFE5803 Datasheet
790Kb / 52P
[Old version datasheet]   Fully Integrated, 8-Channel Ultrasound Analog Front End
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
   Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
   Two Channel Analog Front End
2009
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com