Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WL-3A200 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # WL-3A200
Description  Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WL-3A200 Datasheet(HTML) 1 Page - Omron Electronics LLC

  WL-3A200 Datasheet HTML 1Page - Omron Electronics LLC WL-3A200 Datasheet HTML 2Page - Omron Electronics LLC WL-3A200 Datasheet HTML 3Page - Omron Electronics LLC WL-3A200 Datasheet HTML 4Page - Omron Electronics LLC WL-3A200 Datasheet HTML 5Page - Omron Electronics LLC WL-3A200 Datasheet HTML 6Page - Omron Electronics LLC WL-3A200 Datasheet HTML 7Page - Omron Electronics LLC WL-3A200 Datasheet HTML 8Page - Omron Electronics LLC WL-3A200 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
CSM_WL_WLM_DS_E_13_1
1
Two-circuit Limit Switch/Long-life Two-circuit Limit Switch
WL/WLM
Wide Range of Two-circuit Switches;
Select One for the Operating
Environment/Application
• A wide selection of models are available, including the
overtravel models with greater OT, indicator-equipped
models for checking operation, low-temperature models,
heat-resistant models, and corrosion-proof models.
• Microload models are added to the product lineup.
• Approved standards: EC/IEC, UL, CSA, CCC (Chinese
standard).
Contact your OMRON representative for information on
approved models.
Be sure to read Safety Precautions on page 39 to 42 and
Safety Precautions for All Limit Switches.
Features
Many Variations in Standard Limit Switches
A Wide Range of Models
The WL Series provides a complete range of Limit Switches with a
long history of meeting user needs. Select environment-resistant
specifications, actuators for essentially any workpiece, operating
sensitivity matched to the workpiece, operation indicators to aid
operation and maintenance, and various wiring specifications.
Select from Six Types of Environment Resistance
The series includes Airtight Switches, Hermetic Switches, Heat-
resistant Switches, Low-temperature Switches, Corrosion-proof
switches, and Weather-proof Switches. Select the one required by the
onsite environment.
Excellent Performance on Arc Welding Lines or Sites with
Spattering Cutting Powder
Ideal for Welding Sites
Stainless steel and resins that resist adhesion of spatters are used to
prevent troubles caused by zinc powder generated during welding.
Mechanical Endurance of 30 Million Operations
Long-life Models for High-frequency Applications
Long life has been achieved by increasing the resistance to friction
and creating better sliding properties in the head mechanism. Greater
visibility is provided when setting with a fluorescent display for setting
the stroke.
DPDB Operation
The double-pole, double-break structure ensures circuit braking.
Degree of Protection; IP67
O-rings, cover seals, and other measures provide a water-proof, drip-
proof structure (IP67).
Approved Standards to Aid Export Machines
Various WL/WLM switches are approved by UL, CSA, TÜV, EN/IEC,
and CCC making them ideal for export machines.
High-precision Models Available in All Switch Types;
Ideal for Position Control
High-precision models achieve a very small movement to operation
(approx. 5
°) and a repeat accuracy that is twice that of basic models.
Operation Indicators for Easier Daily
Inspections*
Confirm operation with a neon lamp or LED for
easier startup confirmations and maintenance.
* Operation indicators are provided on Indicator-
equipped switches, Spatter-prevention Basic
Switches, and Long-life Basic Switches.
Models with Connectors to Reduce Wiring
Reduce wiring with one-touch connection. Models with direct-wired
and prewired connectors that make Switch replacement easier are
also available.
Standard Models
Environment-resistant Models
Spatter-prevention Models
Long-life Models
Features Common to All Models
Load
Load
3(NO)
Za
2(NC)
(NO)4
1
2
4
3
(NC)1
Operation
indicator


Similar Part No. - WL-3A200

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
WL-3000 LSTD-WL-3000 Datasheet
1Mb / 3P
   Reliable Operation
More results

Similar Description - WL-3A200

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
WLF2CA2-2 OMRON-WLF2CA2-2 Datasheet
3Mb / 43P
   Wide Range of Two-circuit Switches; Select One for the Operating Environment/Application
logo
Panasonic Semiconductor
AV4424 PANASONIC-AV4424 Datasheet
120Kb / 5P
   ONE OF THE SMALLEST SNAP-ACTION SWITCHES
logo
Fortune Semiconductor C...
FS9168-017 FORTUNE-FS9168-017 Datasheet
1Mb / 18P
   For wide range thermal measurement application
logo
CUI INC
SJ2-3512D-SMT-TR CUI-SJ2-3512D-SMT-TR Datasheet
429Kb / 4P
   two switches; one isolated, one non-isolated
logo
Ultralife Corporation.
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
   Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
   Wide operating temperature range
Rev D
UBBL06-01 ULTRALIFE-UBBL06-01 Datasheet
486Kb / 2P
   Wide operating temperature range
Rev: C
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
   Wide operating voltage range
logo
TXC Corporation.
AM-SERIES TXC-AM-SERIES Datasheet
956Kb / 1P
   Wide operating temperature range.
logo
Ultralife Corporation.
U10025 ULTRALIFE-U10025 Datasheet
675Kb / 2P
   Wide operating temperature range
Rev: L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com