Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX-LDA11-N Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # ZX-LDA11-N
Description  Smart Sensors (Laser Type) ZX Series (ZX-L-N)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

ZX-LDA11-N Datasheet(HTML) 2 Page - Omron Electronics LLC

  ZX-LDA11-N Datasheet HTML 1Page - Omron Electronics LLC ZX-LDA11-N Datasheet HTML 2Page - Omron Electronics LLC ZX-LDA11-N Datasheet HTML 3Page - Omron Electronics LLC ZX-LDA11-N Datasheet HTML 4Page - Omron Electronics LLC ZX-LDA11-N Datasheet HTML 5Page - Omron Electronics LLC ZX-LDA11-N Datasheet HTML 6Page - Omron Electronics LLC ZX-LDA11-N Datasheet HTML 7Page - Omron Electronics LLC ZX-LDA11-N Datasheet HTML 8Page - Omron Electronics LLC ZX-LDA11-N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
ZX Series (ZX-L-N) Smart Sensors (Laser Type)
Accessories (Order Separately)
Calculating Unit
Side-view Attachments
Logging Tool for Personal Computers
Setup Tool for Personal Computer
Note 1. The ZX-SFW11EV3 or ZX-SW11EV3 is required to use the
Smart Monitor with the ZX-LDA11-N/41-N. Earlier versions
cannot be used.
2. The Smart Monitor Basic does not have a logging function.
Other than the logging function, the Smart Monitor Basic sup-
ports the same functions as the Smart Monitor.
Cables with Connectors on Both Ends (for
Extension)*1
*1. Robot Cable models are also available. The model numbers are ZX-XC
@R.
*2. For use only with Reflective Sensors.
Appearance
Model
ZX-CAL2
Appearance
Applicable
Sensor Head
Model
Quantity
ZX-LT1001/
LT005
ZX-XF12
1
ZX-LT010
ZX-XF22
Appearance
Name
Model
Communica-
tions Interface
Unit
RS-232C
ZX-SF11
USB
ZX-SF21
Smart Monitor (Logging Soft-
ware + Function Setting Soft-
ware)
ZX-SW11EV3
(See note 1.)
Appearance
Name
Model
Communications Interface
Unit (RS-232C) + Smart
Monitor Basic*2 (Function
Setting Software)
ZX-SFW11EV3
(See note 1.)
Cable length
Model
Quantity
1 m
ZX-XC1A
1
4 m
ZX-XC4A
8 m
ZX-XC8A
9 m *2
ZX-XC9A
+


Similar Description - ZX-LDA11-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
ZX2 OMRON-ZX2 Datasheet
4Mb / 15P
   Smart Sensors Laser Sensors CMOS Type
logo
ATGBICS by Approved Tec...
SFP-ZX-80-C ATGBICS-SFP-ZX-80-C Datasheet
286Kb / 8P
   SFP-ZX-80 Brocade Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
DELL-1000-ZX-C ATGBICS-DELL-1000-ZX-C Datasheet
286Kb / 8P
   DELL1000-ZX Dell Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
ET4201-ZX-C ATGBICS-ET4201-ZX-C Datasheet
286Kb / 8P
   ET4201-ZX Edgecore Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
GLC-ZX-SMD-C ATGBICS-GLC-ZX-SMD-C Datasheet
287Kb / 8P
   GLC-ZX-SMD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
FR-TRAN-ZX-C ATGBICS-FR-TRAN-ZX-C Datasheet
286Kb / 8P
   FR-TRAN-ZX Fortinet Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
ONS-SI-GE-ZX-C ATGBICS-ONS-SI-GE-ZX-C Datasheet
286Kb / 8P
   ONS-SI-GE-ZX Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM)
GLC-ZX-SM-RGD-C ATGBICS-GLC-ZX-SM-RGD-C Datasheet
286Kb / 8P
   GLC-ZX-SM-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
GLC-ZX-SMD-RGD-C ATGBICS-GLC-ZX-SMD-RGD-C Datasheet
286Kb / 8P
   GLC-ZX-SMD-RGD Cisco Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km, LC, DOM, Ind Temp)
1184562P5-C ATGBICS-1184562P5-C Datasheet
265Kb / 8P
   1184562P5 AdTran Compatible Transceiver SFP 1000Base-ZX (1550nm, SMF, 80km)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com