Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RUW15SL24C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RUW15SL24C
Description  Isolated Ultra-Wide Input DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RUW15SL24C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RUW15SL24C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RUW15SL24C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RUW15SL24C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. RUW15SL24C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. RUW15SL24C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RUW15 Series
Isolated Ultra-Wide Input DC/DC Converters
KDC_RUW15.A01 Page 1 of 5
www.murata-ps.com
www.murata-ps.com/support
For full details go to
www.murata-ps.com/rohs
 
SELECTION GUIDE
Order Code1
Input Voltage
Output
Voltage
Output Current
Output Power
MTTF3
Min.
Max.
Max.
Nom.
V
A
A
W
kHrs
RUW15SL12C
SL
12
0.125
1.25
15
1550
RUW15SL12HC
SL
12
0.125
1.25
15
959
RUW15SL24C
SL
24
0.0625
0.625
15
1094
RUW15SL24HC
SL
24
0.0625
0.625
15
1176
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range2
Continuous operation SL I/P types
16
160
V
Input standby current
10
mA
INPUT CURRENT (10% Load)
Order Code
Input Voltage
Units
16
24
48
60
72
96
110
132
160
V
RUW15SL12C
0.135
0.088
0.044
0.035
0.030
0.023
0.022
0.018
0.015
mAp-p
RUW15SL12HC
0.146
0.093
0.048
0.038
0.032
0.025
0.024
0.021
0.018
RUW15SL24C
0.160
0.102
0.053
0.043
0.036
0.029
0.028
0.025
0.021
RUW15SL24HC
0.146
0.098
0.049
0.039
0.033
0.027
0.025
0.022
0.018
INPUT REFLECTED RIPPLE
Order Code
Input Voltage
Units
16
24
48
72
110
160
V
RUW15SL12C
332.8
309.2
184.8
155.2
138.8
119.6
mAp-p
RUW15SL12HC
292.4
236.8
142.4
107
86.5
76.3
RUW15SL24C
406.4
387.6
249.6
195.6
167.5
138.8
RUW15SL24HC
446.4
291.2
176.4
157.2
101.8
82.7
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage set point error
0.8
1.5
%VOUT
Overall voltage envelope
3.0
%VOUT
Line regulation
RUW15SL12C
0.5
%
RUW15SL12HC & RUW15SL24HC
0.2
RUW15SL24C
0.25
Load regulation
10-100% Load
0.25
%
Ripple & noise
BW = 20MHz
(24VIN to 110VIN)
12VOUT types
mVp-p
24VOUT types
Transient response
Peak deviation (20-100% & 100-20% swing)
3.0
%VOUT
Settling time
1.5
ms
Start delay
From remote on/off RUWSLXXC
TBD
ms
From application of VIN RUWSLXXC
TBD
Overvoltage protection
110%
VOUT
Short circuit protection
Continuous
1. Part numbers ending HC include optional Power Fail /DC OK signal and circuitry to facilitate long hold up time.
2. Will operate down to 14V for 100ms as required by EN 50155 (24V system).
3. Using Telecordia Issue 1 method I case 1 operating temperature 25C
All specifications typical at TA=25°C and rated output current unless otherwise specified.
FEATURES
„UL 60950 recognized for reinforced
insulation pending
„ High transient voltage withstand capability
„Ultra wide input voltage range of
16-160VDC
„Externally settable hold up time with
additional capacitor
„ DC OK/Power Fail signal
„ Short circuit protection
„ Over Temperature protection
„ Over voltage protection
DESCRIPTION
The RUW series is particularly suitable for use
in applications in railway, industry or telecom-
munication where variable input voltages or
high transient voltages are present. With an ultra
wide input voltage range of 16-160VDC, the
RUW series is capable of withstanding surges
from 24,36,48,72, 90 and 110V systems, largely
eliminating the requirement for input protection
circuitry.
Optional features include a Power Fail/DC OK
signal and circuitry to facilitate long hold-up times
with a small external capacitor across ±Vint pins.


Similar Part No. - RUW15SL24C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RUW15SL24C MURATA1-RUW15SL24C Datasheet
573Kb / 13P
   Isolated Ultra-Wide Input DC-DC Converters
More results

Similar Description - RUW15SL24C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
   Isolated Ultra-Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NTF MURATA-KDC_NTF Datasheet
204Kb / 8P
   Isolated 1W Wide Input DC/DC Converters
logo
C&D Technologies
NGA CANDD-NGA Datasheet
101Kb / 3P
   Non-Isolated Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
NDC_NGA MURATA-NDC_NGA_5 Datasheet
185Kb / 5P
   Non-Isolated Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
   3W 1KVDC Isolated Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
LSM16A-W3 MURATA-LSM16A-W3 Datasheet
350Kb / 12P
   Non-Isolated, Wide Input SMT DC/DC Converters
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
UWE MURATA-UWE Datasheet
1Mb / 13P
   Wide Input, Isolated Eighth-Brick DC/DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com