Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTE1S2415MC Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # MTE1S2415MC
Description  Isolated 1W Single Output SM DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

MTE1S2415MC Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  MTE1S2415MC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. MTE1S2415MC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. MTE1S2415MC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. MTE1S2415MC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. MTE1S2415MC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. MTE1S2415MC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. MTE1S2415MC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MTE1 Series
Isolated 1W Single Output SM DC/DC Converters
KDC_MTE1.A02 Page 3 of 7
All enquiries: www.murata-ps.com/support
www.murata-ps.com
TOLERANCE ENVELOPES
The voltage tolerance envelope shows typical load regulation characteristics for this product series. The tolerance envelope is the maximum output voltage variation due to
changes in output loading.
0303, 0503
0305,0309
0312, 0315, 0505, 0506, 0509
1209, 1212, 1215, 15XX, 2409, 2412, 2415
0512, 0515, 1205,2405
+13%
+8%
+5%
+5%
Output Load Current (%)
Output Load Current (%)
-5%
-4%
+3%
+2%
100
100
75
75
50
50
25
25
10
10
+7%
+3%
Output Load Current (%)
-4%
+2%
100
75
50
25
10
+4%
+5%
0%
0%
Output Load Current (%)
Output Load Current (%)
-3%
-4%
+1%
+1%
100
100
75
75
50
50
25
25
10
10


Similar Part No. - MTE1S2415MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
MTE1S2405MC MURATA-PS-MTE1S2405MC Datasheet
382Kb / 14P
   Isolated 1W Single Output SM DC-DC Converters
2023
More results

Similar Description - MTE1S2415MC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTE0505MC-R MURATA-NTE0505MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE MURATA-NTE Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
MTU1 MURATA-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
C&D Technologies
NTE CANDD-NTE Datasheet
373Kb / 2P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Manufacturing Co...
NXJ1 MURATA-NXJ1 Datasheet
343Kb / 10P
   Isolated 1W Single Output SM DC/DC Converters
NTE0305MC-R MURATA-NTE0305MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
MTU1 MURATA-PS-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NXE1 MURATA-PS-NXE1 Datasheet
1Mb / 8P
   Isolated 1W Single Output SM DC/DC Converters
MTU1S0305MC MURATA-PS-MTU1S0305MC Datasheet
261Kb / 7P
   Isolated 1W Single & Dual Output SM DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com