Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A37 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS7A37
Description  1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A37 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS7A37 Datasheet HTML 6Page - Texas Instruments TPS7A37 Datasheet HTML 7Page - Texas Instruments TPS7A37 Datasheet HTML 8Page - Texas Instruments TPS7A37 Datasheet HTML 9Page - Texas Instruments TPS7A37 Datasheet HTML 10Page - Texas Instruments TPS7A37 Datasheet HTML 11Page - Texas Instruments TPS7A37 Datasheet HTML 12Page - Texas Instruments TPS7A37 Datasheet HTML 13Page - Texas Instruments TPS7A37 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10 s/div
m
100mV/div
V
OUT
I
OUT
250mA
10mA
C
=10 F
m
OUT
C
=10nF
FB
R =39.2kW
1
5 s/div
m
100mV/div
V
OUT
V
IN
4.5V
3.5V
C
=10 F
m
OUT
V
=2.5V
OUT
C
=10nF
FB
60
55
50
45
40
35
30
25
20
C
(F)
FB
10p
100p
1n
10n
V
=2.5V
OUT
C
=0 F
m
OUT
R =39.2kW
1
10Hz<Frequency<100kHz
160
140
120
100
80
60
40
20
0
-50
-25
0
25
50
75
100
125
Temperature( C)
°
TPS7A37
SBVS220 – MARCH 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
For all voltage versions at TJ = +25°C, VIN = VOUT(nom) + 1.0 V, IOUT = 10 mA, VEN = 2.2 V, and COUT = 2.2 μF, unless
otherwise noted.
Figure 27. TPS7A3701: RMS NOISE VOLTAGE vs CFB
Figure 28. TPS7A3701: IFB vs TEMPERATURE
Figure 29. TPS7A3701: LOAD TRANSIENT, ADJUSTABLE
Figure 30. TPS7A3701: LINE TRANSIENT, ADJUSTABLE
VERSION
VERSION
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - TPS7A37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 31P
[Old version datasheet]   High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
TPS7A37 TI-TPS7A37 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS7A3701DRVR TI1-TPS7A3701DRVR Datasheet
1Mb / 31P
[Old version datasheet]   High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
TPS7A3701DRVT TI1-TPS7A3701DRVT Datasheet
1Mb / 31P
[Old version datasheet]   High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
TPS7A3721DRVR TI1-TPS7A3721DRVR Datasheet
1Mb / 31P
[Old version datasheet]   High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
More results

Similar Description - TPS7A37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
[Old version datasheet]    1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI1-TPS7A37_16 Datasheet
1Mb / 31P
[Old version datasheet]   High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1 Datasheet
536Kb / 19P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com