Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54531DDAR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54531DDAR
Description  5A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-mode?
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54531DDAR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54531DDAR Datasheet HTML 3Page - Texas Instruments TPS54531DDAR Datasheet HTML 4Page - Texas Instruments TPS54531DDAR Datasheet HTML 5Page - Texas Instruments TPS54531DDAR Datasheet HTML 6Page - Texas Instruments TPS54531DDAR Datasheet HTML 7Page - Texas Instruments TPS54531DDAR Datasheet HTML 8Page - Texas Instruments TPS54531DDAR Datasheet HTML 9Page - Texas Instruments TPS54531DDAR Datasheet HTML 10Page - Texas Instruments TPS54531DDAR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TPS54531
www.ti.com
SLVSBI5 – MAY 2013
OVERVIEW
The TPS54531 is a 28-V, 5-A, step-down (buck) converter with an integrated high-side n-channel MOSFET. To
improve performance during line and load transients, the device implements a constant frequency, current mode
control which reduces output capacitance and simplifies external frequency compensation design. The
TPS54531 has a pre-set switching frequency of 570kHz.
The TPS54531 needs a minimum input voltage of 3.5V to operate normally. The EN pin has an internal pull-up
current source that can be used to adjust the input voltage under-voltage lockout (UVLO) with two external
resistors. In addition, the pull-up current provides a default condition when the EN pin is floating for the device to
operate. The operating current is 110
μA typically when not switching and under no load. When the device is
disabled, the supply current is 1
μA typically.
The integrated 80 m
Ω high-side MOSFET allows for high efficiency power supply designs with continuous output
currents up to 5A.
The TPS54531 reduces the external component count by integrating the boot recharge diode. The bias voltage
for the integrated high-side MOSFET is supplied by an external capacitor on the BOOT to PH pin. The boot
capacitor voltage is monitored by an UVLO circuit and will turn the high-side MOSFET off when the voltage falls
below a preset threshold of 2.1V typically. The output voltage can be stepped down to as low as the reference
voltage.
By adding an external capacitor, the slow start time of the TPS54531 can be adjustable which enables flexible
output filter selection.
To improve the efficiency at light load conditions, the TPS54531 enters a special pulse skipping Eco-modeTM
when the peak inductor current drops below 160mA typically.
The frequency foldback reduces the switching frequency during startup and over current conditions to help
control the inductor current. The thermal shut down gives the additional protection under fault conditions.
DETAILED DESCRIPTION
FIXED FREQUENCY PWM CONTROL
The TPS54531 uses a fixed frequency, peak current mode control. The internal switching frequency of the
TPS54531 is fixed at 570kHz.
ECO-MODE
TM
The TPS54531 is designed to operate in pulse skipping Eco-modeTM at light load currents to boost light load
efficiency. When the peak inductor current is lower than 160 mA typically, the COMP pin voltage falls to 0.5 V
typically and the device enters Eco-modeTM . When the device is in Eco-modeTM, the COMP pin voltage is
clamped at 0.5V internally which prevents the high side integrated MOSFET from switching. The peak inductor
current must rise above 160mA for the COMP pin voltage to rise above 0.5V and exit Eco-modeTM. Since the
integrated current comparator catches the peak inductor current only, the average load current entering Eco-
modeTM varies with the applications and external output filters.
VOLTAGE REFERENCE (Vref)
The voltage reference system produces a ±2% initial accuracy voltage reference (±3.5% over temperature) by
scaling the output of a temperature stable bandgap circuit. The typical voltage reference is designed at 0.8V.
BOOTSTRAP VOLTAGE (BOOT)
The TPS54531 has an integrated boot regulator and requires a 0.1
μF ceramic capacitor between the BOOT and
PH pin to provide the gate drive voltage for the high-side MOSFET. A ceramic capacitor with an X7R or X5R
grade dielectric is recommended because of the stable characteristics over temperature and voltage. To improve
drop out, the TPS54531 is designed to operate at 100% duty cycle as long as the BOOT to PH pin voltage is
greater than 2.1 V typically.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS54531


Similar Part No. - TPS54531DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54531 TI-TPS54531_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS54531 5-A, 28-V Input, Step-Down SWIFT??DC-DC Converter With Eco-mode?
More results

Similar Description - TPS54531DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54331DDA TI-TPS54331DDA Datasheet
1Mb / 31P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54233 TI-TPS54233 Datasheet
1Mb / 26P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54231 TI-TPS54231 Datasheet
794Kb / 23P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54232 TI-TPS54232 Datasheet
945Kb / 24P
[Old version datasheet]   2A, 28V, 1MHz, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54233 TI-TPS54233_15 Datasheet
841Kb / 29P
[Old version datasheet]   TPS54233 2A, 28V Input, Step Down DC/DC Converter With Eco-mode?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040 TI-TPS54040 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54060 TI-TPS54060_10 Datasheet
2Mb / 49P
[Old version datasheet]   0.5A, 60V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com