Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT16LSDF3264LHG-13E Datasheet(PDF) 7 Page - Micron Technology

Part # MT16LSDF3264LHG-13E
Description  SMALL-OUTLINE SDRAM MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT16LSDF3264LHG-13E Datasheet(HTML) 7 Page - Micron Technology

Back Button MT16LSDF3264LHG-13E Datasheet HTML 3Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 4Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 5Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 6Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 7Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 8Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 9Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 10Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 11Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
256MB, 512MB (x64, DR)
144-PIN SDRAM SODIMM
pdf: 09005aef807924d2, source: 09005aef807924f1
Micron Technology, Inc., reserves the right to change products or specifications without notice.
SDF16C32_64x64HG.fm - Rev. E 4/06 EN
7
©2006 Micron Technology, Inc. All rights reserved.
General Description
The MT16LSDF3264(L)H and MT16LSDF6464(L)H
are
high-speed
CMOS,
dynamic
random-access
256MB and 512MB unbuffered memory modules,
organized in x64 configurations. These modules use
internally configured quad-bank SDRAMs with a syn-
chronous interface (all signals are registered on the
positive edge of the clock signal CK).
Read and write accesses to the SDRAM modules are
burst oriented; accesses start at a selected location and
continue for a programmed number of locations in a
programmed sequence. Accesses begin with the regis-
tration of an ACTIVE command, which is then fol-
lowed by a READ or WRITE command. The address
bits registered coincident with the ACTIVE command
are used to select the device bank and row to be
accessed (BA0, BA1 select the device bank, A0–A11
[256MB] or A0–A12 [512MB] select the device row).
The address bits A0–A9 (for both 256MB and 512MB
modules) registered coincident with the READ or
WRITE command are used to select the starting device
column location for the burst access.
These modules provide for programmable READ or
WRITE burst lengths of 1, 2, 4, or 8 locations, or the full
page, with a burst terminate option. An auto precharge
function may be enabled to provide a self-timed row
precharge that is initiated at the end of the burst
sequence.
These modules use an internal pipelined architec-
ture to achieve high-speed operation. This architec-
ture is compatible with the 2n rule of prefetch
architectures, but it also enables the column address
to be changed on every clock cycle to achieve a high-
speed, fully random access. Precharging one device
bank while accessing one of the other three device
banks will hide the precharge cycles and provide
seamless, high-speed, random-access operation.
These modules are designed to operate in 3.3V, low-
power memory systems. An auto refresh mode is pro-
vided, along with a power-saving, power-down mode.
All inputs and outputs are LVTTL-compatible.
SDRAM modules offer substantial advances in
DRAM operating performance, including the ability to
synchronously burst data at a fast data rate with auto-
matic column-address generation, the ability to inter-
leave between internal banks in order to hide
precharge time and the capability to randomly change
column addresses on each clock cycle during a burst
access. For more information regarding SDRAM opera-
tion, refer to the 128Mb or 256Mb SDRAM component
data sheets.
Serial Presence Detect Operation
These modules incorporate serial presence-detect
(SPD). The SPD function is implemented using a
2,048-bit EEPROM. This nonvolatile storage device
contains 256 bytes. The first 128 bytes are programmed
by Micron to identify the module type, SDRAM charac-
teristics and module timing parameters. The remain-
ing 128 bytes of storage are available for use by the
customer. System READ/WRITE operations between
the master (system logic) and the slave EEPROM
device (DIMM) occur via a standard I2C bus using the
DIMM’s SCL (clock) and SDA (data) signals, together
with SA[2:0], which provide eight unique DIMM/
EEPROM addresses. Write protect (WP) is tied to
ground on the module, permanently disabling hard-
ware write protect.
Initialization
SDRAMs must be powered up and initialized in a
predefined manner.
Operational procedures other
than those specified may result in undefined opera-
tion. When power is applied to VDD and VDDQ (simul-
taneously), and the clock is stable (stable clock is
defined as a signal cycling within timing constraints
specified for the clock pin), the SDRAM requires a
100µs delay prior to issuing any command other than a
COMMAND INHIBIT or NOP. Starting at some point
during this 100µs period and continuing at least
through the end of this period, COMMAND INHIBIT
or NOP commands should be applied.
When the 100µs delay has been satisfied with at
least one COMMAND INHIBIT or NOP command hav-
ing been applied, a PRECHARGE command should be
applied. All device banks must then be precharged,
thereby placing the device in the all banks idle state.
When in the idle state, two AUTO REFRESH cycles
must be performed. After the AUTO REFRESH cycles
are complete, the SDRAM is ready for mode register
programming. Because the mode register will power
up in an unknown state, it should be loaded prior to
applying any operational command.
Mode Register Definition
The mode register is used to define the specific
mode of operation of the SDRAM.
This definition
includes the selection of a burst length, a burst type, a
CL, an operating mode, and a write burst mode, as
shown in Figure 4 on page 8. The mode register is pro-
grammed via the LOAD MODE REGISTER command
and will retain the stored information until it is pro-
grammed again or the device loses power.


Similar Part No. - MT16LSDF3264LHG-13E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT16LSDT1664A MICRON-MT16LSDT1664A Datasheet
1Mb / 20P
   8,16 MEG x 64 SDRAM DIMMs
MT16LSDT6464A MICRON-MT16LSDT6464A Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
MT16LSDT6464A(I) MICRON-MT16LSDT6464A(I) Datasheet
525Kb / 28P
   Synchronous DRAM Module
MT16LSDT6464AG-10E MICRON-MT16LSDT6464AG-10E Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
MT16LSDT6464AG-133 MICRON-MT16LSDT6464AG-133 Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
More results

Similar Description - MT16LSDF3264LHG-13E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT8LSDT864 MICRON-MT8LSDT864 Datasheet
1Mb / 27P
   SMALL-OUTLINE SDRAM MODULE
MT4LSDT1664HG MICRON-MT4LSDT1664HG Datasheet
342Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT16VDDF6464H MICRON-MT16VDDF6464H Datasheet
551Kb / 31P
   SMALL-OUTLINE DDR SDRAM DIMM
MT5VDDT1672HG MICRON-MT5VDDT1672HG Datasheet
301Kb / 16P
   DDR SDRAM Small-Outline DIMM
MT4LDT464H MICRON-MT4LDT464H Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
MT2LDT432H MICRON-MT2LDT432H Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
logo
Qimonda AG
HYS64T256022EDL QIMONDA-HYS64T256022EDL Datasheet
2Mb / 40P
   200-Pin Dual Die Small-Outline-DDR2-SDRAM Modules
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M456 AVAGO-HCPL-M456 Datasheet
197Kb / 14P
   Small Outline, 5 Lead Intelligent Power Module Optocoupler
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com