Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT16LSDF3264LHG-13E Datasheet(PDF) 2 Page - Micron Technology

Part # MT16LSDF3264LHG-13E
Description  SMALL-OUTLINE SDRAM MODULE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT16LSDF3264LHG-13E Datasheet(HTML) 2 Page - Micron Technology

  MT16LSDF3264LHG-13E Datasheet HTML 1Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 2Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 3Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 4Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 5Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 6Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 7Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 8Page - Micron Technology MT16LSDF3264LHG-13E Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
256MB, 512MB (x64, DR)
144-PIN SDRAM SODIMM
pdf: 09005aef807924d2, source: 09005aef807924f1
Micron Technology, Inc., reserves the right to change products or specifications without notice.
SDF16C32_64x64HG.fm - Rev. E 4/06 EN
2
©2006 Micron Technology, Inc. All rights reserved.
NOTE:
1. The designators for component and PCB revision are the last two characters of each part number Consult factory for
current revision codes. Example: MT16LSDF32264(L)HG-133B1.
Table 3:
Part Numbers
PART NUMBER
MODULE DENSITY
CONFIGURATION
SYSTEM
BUS SPEED
MT16LSDF3264(L)HG-13E_
256MB
32 Meg x 64
133 MHz
MT16LSDF3264(L)HY-13E_
256MB
32 Meg x 64
133 MHz
MT16LSDF3264(L)HG-133_
256MB
32 Meg x 64
133 MHz
MT16LSDF3264(L)HY-133_
256MB
32 Meg x 64
133 MHz
MT16LSDF3264(L)HG-10E_
256MB
32 Meg x 64
100 MHz
MT16LSDF3264(L)HY-10E_
256MB
32 Meg x 64
100 MHz
MT16LSDF6464(L)HG-13E_
512MB
64 Meg x 64
133 MHz
MT16LSDF6464(L)HY-13E_
512MB
64 Meg x 64
133 MHz
MT16LSDF6464(L)HG-133_
512MB
64 Meg x 64
133 MHz
MT16LSDF6464(L)HY-133_
512MB
64 Meg x 64
133 MHz
MT16LSDF6464(L)HG-10E_
512MB
64 Meg x 64
100 MHz
MT16LSDF6464(L)HY-10E_
512MB
64 Meg x 64
100 MHz


Similar Part No. - MT16LSDF3264LHG-13E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT16LSDT1664A MICRON-MT16LSDT1664A Datasheet
1Mb / 20P
   8,16 MEG x 64 SDRAM DIMMs
MT16LSDT6464A MICRON-MT16LSDT6464A Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
MT16LSDT6464A(I) MICRON-MT16LSDT6464A(I) Datasheet
525Kb / 28P
   Synchronous DRAM Module
MT16LSDT6464AG-10E MICRON-MT16LSDT6464AG-10E Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
MT16LSDT6464AG-133 MICRON-MT16LSDT6464AG-133 Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
More results

Similar Description - MT16LSDF3264LHG-13E

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT8LSDT864 MICRON-MT8LSDT864 Datasheet
1Mb / 27P
   SMALL-OUTLINE SDRAM MODULE
MT4LSDT1664HG MICRON-MT4LSDT1664HG Datasheet
342Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT16VDDF6464H MICRON-MT16VDDF6464H Datasheet
551Kb / 31P
   SMALL-OUTLINE DDR SDRAM DIMM
MT5VDDT1672HG MICRON-MT5VDDT1672HG Datasheet
301Kb / 16P
   DDR SDRAM Small-Outline DIMM
MT4LDT464H MICRON-MT4LDT464H Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
MT2LDT432H MICRON-MT2LDT432H Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
logo
Qimonda AG
HYS64T256022EDL QIMONDA-HYS64T256022EDL Datasheet
2Mb / 40P
   200-Pin Dual Die Small-Outline-DDR2-SDRAM Modules
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M456 AVAGO-HCPL-M456 Datasheet
197Kb / 14P
   Small Outline, 5 Lead Intelligent Power Module Optocoupler
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com