Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT41J256M8JE-125 Datasheet(PDF) 1 Page - Micron Technology

Part # MT41J256M8JE-125
Description  Differential bidirectional data strobe
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT41J256M8JE-125 Datasheet(HTML) 1 Page - Micron Technology

  MT41J256M8JE-125 Datasheet HTML 1Page - Micron Technology MT41J256M8JE-125 Datasheet HTML 2Page - Micron Technology MT41J256M8JE-125 Datasheet HTML 3Page - Micron Technology MT41J256M8JE-125 Datasheet HTML 4Page - Micron Technology MT41J256M8JE-125 Datasheet HTML 5Page - Micron Technology MT41J256M8JE-125 Datasheet HTML 6Page - Micron Technology MT41J256M8JE-125 Datasheet HTML 7Page - Micron Technology MT41J256M8JE-125 Datasheet HTML 8Page - Micron Technology MT41J256M8JE-125 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 206 page
background image
DDR3 SDRAM
MT41J512M4 – 64 Meg x 4 x 8 Banks
MT41J256M8 – 32 Meg x 8 x 8 Banks
MT41J128M16 – 16 Meg x 16 x 8 Banks
Features
•VDD = VDDQ = 1.5V ±0.075V
• 1.5V center-terminated push/pull I/O
• Differential bidirectional data strobe
•8n-bit prefetch architecture
• Differential clock inputs (CK, CK#)
• 8 internal banks
• Nominal and dynamic on-die termination (ODT)
for data, strobe, and mask signals
• Programmable CAS READ latency (CL)
• Posted CAS additive latency (AL)
• Programmable CAS WRITE latency (CWL) based on
tCK
• Fixed burst length (BL) of 8 and burst chop (BC) of 4
(via the mode register set [MRS])
• Selectable BC4 or BL8 on-the-fly (OTF)
• Self refresh mode
•TC of 0°C to 95°C
– 64ms, 8192 cycle refresh at 0°C to 85°C
– 32ms, 8192 cycle refresh at 85°C to 95°C
• Self refresh temperature (SRT)
• Write leveling
• Multipurpose register
• Output driver calibration
Options1
Marking
• Configuration
– 512 Meg x 4
512M4
– 256 Meg x 8
256M8
– 128 Meg x 16
128M16
• FBGA package (Pb-free) – x4, x8
– 78-ball (8mm x 10.5mm) Rev. H,M,J,K
DA
– 78-ball (9mm x 11.5mm) Rev. D
HX
• FBGA package (Pb-free) – x16
– 96-ball (9mm x 14mm) Rev. D
HA
– 96-ball (8mm x 14mm) Rev. K
JT
• Timing – cycle time
– 938ps @ CL = 14 (DDR3-2133)
-093
– 1.071ns @ CL = 13 (DDR3-1866)
-107
– 1.25ns @ CL = 11 (DDR3-1600)
-125
– 1.5ns @ CL = 9 (DDR3-1333)
-15E
– 1.87ns @ CL = 7 (DDR3-1066)
-187E
• Operating temperature
– Commercial (0°C
≤ T
C ≤ +95°C)
None
– Industrial (–40°C
≤ T
C ≤ +95°C)
IT
• Revision
:D/:H/:J/:K/
:M
Note:
1. Not all options listed can be combined to
define an offered product. Use the part
catalog search on http://www.micron.com
for available offerings.
Table 1: Key Timing Parameters
Speed Grade
Data Rate (MT/s)
Target tRCD-tRP-CL
tRCD (ns)
tRP (ns)
CL (ns)
-0931, 2, 3, 4
2133
14-14-14
13.09
13.09
13.09
-1071, 2, 3
1866
13-13-13
13.91
13.91
13.91
-1251, 2,
1600
11-11-11
13.75
13.75
13.75
-15E1,
1333
9-9-9
13.5
13.5
13.5
-187E
1066
7-7-7
13.1
13.1
13.1
Notes:
1. Backward compatible to 1066, CL = 7 (-187E).
2. Backward compatible to 1333, CL = 9 (-15E).
3. Backward compatible to 1600, CL = 11 (-125).
4. Backward compatible to 1866, CL = 13 (-107).
2Gb: x4, x8, x16 DDR3 SDRAM
Features
PDF: 09005aef826aaadc
2Gb_DDR3_SDRAM.pdf – Rev. P 2/12 EN
1
Micron Technology, Inc. reserves the right to change products or specifications without notice.
2006 Micron Technology, Inc. All rights reserved.
Products and specifications discussed herein are subject to change by Micron without notice.


Similar Part No. - MT41J256M8JE-125

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT41J256M8 MICRON-MT41J256M8 Datasheet
2Mb / 211P
   MT41J512M4 ??64 Meg x 4 x 8 Banks
MT41J256M8 MICRON-MT41J256M8 Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT41J256M8 MICRON-MT41J256M8 Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 ??64 Meg x 4 x 8 Banks MT41J256M8 ??32 Meg x 8 x 8 Banks MT41J128M16 ??16 Meg x 16 x 8 Banks
MT41J256M8 MICRON-MT41J256M8 Datasheet
2Mb / 211P
   DDR3 SDRAM MT41J512M4 64 Meg x 4 x 8 Banks MT41J256M8 32 Meg x 8 x 8 Banks MT41J128M16 16 Meg x 16 x 8 Banks
MT41J256M8 MICRON-MT41J256M8 Datasheet
2Mb / 211P
   2Gb: x4, x8, x16 DDR3 SDRAM Features
More results

Similar Description - MT41J256M8JE-125

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C256M16D3LA-12BCN ALSC-AS4C256M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C128M16D3 ALSC-AS4C128M16D3 Datasheet
2Mb / 84P
   Bidirectional differential data strobe
AS4C128M16D3LA-12BCN ALSC-AS4C128M16D3LA-12BCN Datasheet
1Mb / 83P
   Bidirectional differential data strobe
AS4C256M16D3 ALSC-AS4C256M16D3 Datasheet
2Mb / 83P
   Bidirectional differential data strobe
2GB-DDR3L-AS4C256M8D3L ALSC-2GB-DDR3L-AS4C256M8D3L Datasheet
3Mb / 86P
   Bidirectional differential data strobe
logo
Integrated Silicon Solu...
IS43DR81280C ISSI-IS43DR81280C Datasheet
1Mb / 49P
   Differential data strobe
IS4346DR16160B ISSI-IS4346DR16160B Datasheet
1Mb / 46P
   Differential data strobe
IS43DR86400D ISSI-IS43DR86400D Datasheet
1Mb / 48P
   Differential data strobe
logo
Micron Technology
MT40A1G4RH-075E MICRON-MT40A1G4RH-075E Datasheet
10Mb / 365P
   Programmable data strobe preambles
MT40A512M8RH-083E MICRON-MT40A512M8RH-083E Datasheet
10Mb / 365P
   Programmable data strobe preambles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com