Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV70012DCKR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV70012DCKR
Description  200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV70012DCKR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV70012DCKR Datasheet HTML 3Page - Texas Instruments TLV70012DCKR Datasheet HTML 4Page - Texas Instruments TLV70012DCKR Datasheet HTML 5Page - Texas Instruments TLV70012DCKR Datasheet HTML 6Page - Texas Instruments TLV70012DCKR Datasheet HTML 7Page - Texas Instruments TLV70012DCKR Datasheet HTML 8Page - Texas Instruments TLV70012DCKR Datasheet HTML 9Page - Texas Instruments TLV70012DCKR Datasheet HTML 10Page - Texas Instruments TLV70012DCKR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
InputVoltage(V)
80
70
60
50
40
30
20
10
0
10kHz
100kHz
1kHz
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
Frequency(Hz)
I
=150mA
OUT
I
=10mA
OUT
V
V
=0.5V
IN
OUT
-
2.1
2.6
3.1
3.6
4.1
4.6
5.1
5.6
InputVoltage(V)
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
+125 C
+85 C
+25 C
°
°
°
40
35
30
25
20
15
10
5
0
-40 -25 -10
5
20
35
50
65
80
95
110 125
Temperature( C)
°
I
=0mA
OUT
2.1
2.6
3.1
3.6
4.1
4.6
5.1
5.6
InputVoltage(V)
50
45
40
35
30
25
20
15
10
5
0
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
I
=0mA
OUT
+125 C
+85 C
+25 C
40 C
-
°
°
°
°
300
250
200
150
100
50
0
0
20
40
60
80
100
120
140
160
180
200
OutputCurrent(mA)
TLV700xx
www.ti.com
SLVSA00D – SEPTEMBER 2009 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.5 V or 2.0 V, whichever is greater; IOUT = 10
mA, VEN = VIN, COUT = 1.0 μF, unless otherwise noted. Typical values are at TJ = +25°C.
TLV70018
TLV70018
GROUND PIN CURRENT vs INPUT VOLTAGE
GROUND PIN CURRENT vs LOAD
Figure 8.
Figure 9.
TLV70018
TLV70018
GROUND PIN CURRENT vs TEMPERATURE
SHUTDOWN CURRENT vs INPUT VOLTAGE
Figure 10.
Figure 11.
TLV70018
TLV70018
POWER-SUPPLY RIPPLE REJECTION vs FREQUENCY
POWER-SUPPLY RIPPLE REJECTION vs INPUT VOLTAGE
Figure 12.
Figure 13.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TLV70012DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70012DCKR TI-TLV70012DCKR Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012DCKR TI-TLV70012DCKR Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70012DCKR TI-TLV70012DCKR Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70012DCKR TI-TLV70012DCKR Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70012DCKR TI-TLV70012DCKR Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV70012DCKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV700XX TI-TLV700XX_10 Datasheet
734Kb / 29P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_102 TI-TLV700XX_102 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI1-TLV700XX_12 Datasheet
937Kb / 34P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX_103 TI-TLV700XX_103 Datasheet
745Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV700XX TI-TLV700XX Datasheet
740Kb / 27P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
TLV70012A-Q1 TI1-TLV70012A-Q1 Datasheet
775Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV700XX_101 TI-TLV700XX_101 Datasheet
747Kb / 30P
[Old version datasheet]   200-mA, Low-IQ, Low-Dropout Regulator for Portable Devices
TLV70033-Q1 TI-TLV70033-Q1 Datasheet
337Kb / 14P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70028-Q1 TI1-TLV70028-Q1 Datasheet
1,006Kb / 19P
[Old version datasheet]   200-mA LOW-IQ LOW-DROPOUT REGULATOR FOR PORTABLE DEVICES
TLV70012A-Q1 TI1-TLV70012A-Q1_16 Datasheet
1Mb / 24P
[Old version datasheet]   200-mA Low-IQ Low-Dropout Regulator for Portable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com