Electronic Components Datasheet Search |
|
RAC04-15SC Datasheet(PDF) 3 Page - Recom International Power |
|
RAC04-15SC Datasheet(HTML) 3 Page - Recom International Power |
3 / 3 page Package Style and Pinning RAC04-xxSC/277 Series POWERLINE AC/DC-Converter www.recom-international.com 3 REV:0/2012 RAC04C-0512DH 36.7 36.0 17.1 4.0 0.6 21.0 76 5 4 3 2 1 3.8 21.5 3.75x2 21.0 3.1 26.5 27.2 21.5 7.5 Primary Isolation Spacing Secondary Pin Connections Pin # Single Out Dual Output Dual Output 1 No Pin No Pin No Pin 2 +VDC out +Vout +Vout 3 -VDC out Com Com 4 NC -Vout +12V 5 VAC in (L) VAC in (L) VAC in (L) 6 VAC in (N) VAC in (N) VAC in (N) 7NC NC NC NC = No Connection xx.x = ±0.5mm xx.xx = ±0.25mm Load (%) 0 10 20 30 40 50 60 70 80 90 100 0 10 20 30 40 50 60 70 80 90 100 115VAC 90VAC 230VAC 264VAC 277VAC 300VAC 3rd angle projection Specifications (measured at TA 25°C, full load after warm-up) Load VAC (L) VAC (N) Vout- Vout+ L N Fuse 1A 47uF/50V 0.1uF/50V Application Note: 1. Recommended external input fuse 1A/slow blow type. 2. To measure the output ripple & noise short runs by 0.1uF/50V&47uF/50V @20MHz, nominal input and full load. Please see as above. 3. That Pin 7 is NC but need 3mm minimum clearance to ground for safety. |
Similar Part No. - RAC04-15SC |
|
Similar Description - RAC04-15SC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |