Electronic Components Datasheet Search |
|
PRB_P1 Datasheet(PDF) 8 Page - Texas Instruments |
|
PRB_P1 Datasheet(HTML) 8 Page - Texas Instruments |
8 / 34 page TAS2505 SLAS778A – FEBRUARY 2013 – REVISED FEBRUARY 2013 www.ti.com Electrical Characteristics (continued) At 25°C, AVDD = 1.8V, IOVDD = 1.8 V, SPKVDD = 3.6 V, DVDD = 1.8 V, fS (audio) = 48 kHz, CODEC_CLKIN = 256 × fS, PLL = Off PARAMETER TEST CONDITIONS MIN TYP MAX UNIT ANALOG BYPASS TO CLASS-D SPEAKER AMPLIFIER BTL measurement, DRIVER GAIN = 6 dB, LOAD Device Setup = 4 Ω (DIFFERENTIAL), 50 pF, input signal frequency fi = 1 KHz Voltage Gain Input common-mode = 0.9 V 4 V/V Gain Error -1dBFS (446mVrms), 1-kHz input signal ±0.7 dB Idle channel, IN1L and IN1R ac-shorted to ground, ICN Idle channel noise 32.6 μVms Measured as idle-channel noise, A-weighted(1) (2) THD+N Total harmonic distortion + noise -1 dBFS (446mVrms), 1-kHz input signal -73.7 dB LOW DROPOUT REGULATOR (AVDD) SPKVDD = 2.7V, Page 1, Reg 2, D5-D4 = 00, IO = AVDD Output Voltage 1.8V 1.79 V 50mA SPKVDD = 3.6V, Page 1, Reg 2, D5-D4 = 00, IO = 1.79 V 50mA SPKVDD = 5.5V, Page 1, Reg 2, D5-D4 = 00, IO = 1.79 V 50mA Output Voltage Accuracy SPVDD = 2.7V ±2 % Load Regulation SPVDD = 2.7V, 0A to 50mA 7 mV Line Regulation Input Supply Range 2.7V to 5.5V 0.6 mV Decoupling Capacitor 1.0 uF Bias Current 55 uA Noise @0A Load A-weighted, 20Hz to 20kHz bandwidth 166 uV Noise @50mA Load A-weighted, 20Hz to 20kHz bandwidth 174 uV SHUTDOWN POWER CONSUMPTION Power down POR, /RST held low, AVDD = 1.8V, Device Setup IOVDD = 1.8 V, SPKVDD = 4.2 V, DVDD = 1.8 V I(AVDD) 1.32 µA I(DVDD) 0.04 µA I(IOVDD) 0.68 µA I(SPKVDD) 2.24 µA DIGITAL INPUT/OUTPUT Logic family CMOS 0.7 × IIH = 5 μA, IOVDD ≥ 1.6 V IOVDD VIH V IIH = 5 μA, IOVDD < 1.6 V IOVDD 0.3 × IIL = 5 μA, IOVDD ≥ 1.6 V –0.3 IOVDD VIL Logic level V IIL = 5 μA, IOVDD < 1.6 V 0 0.8 × VOH IOH = 2 TTL loads V IOVDD VOL IOL = 2 TTL loads 0.25 V Capacitive load 10 pF (1) Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the inputs short-circuited, measured A-weighted over a 20-Hz to 20-kHz bandwidth using an audio analyzer. (2) All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter removes out-of-band noise, which, although not audible, may affect dynamic specification values. 8 ELECTRICAL SPECIFICATIONS Copyright © 2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: TAS2505 |
Similar Part No. - PRB_P1 |
|
Similar Description - PRB_P1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |