Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDR8321L Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # FDR8321L
Description  P-Channel MOSFET With Gate Driver For Load Switch Application
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDR8321L Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDR8321L Datasheet HTML 1Page - Fairchild Semiconductor FDR8321L Datasheet HTML 2Page - Fairchild Semiconductor FDR8321L Datasheet HTML 3Page - Fairchild Semiconductor FDR8321L Datasheet HTML 4Page - Fairchild Semiconductor FDR8321L Datasheet HTML 5Page - Fairchild Semiconductor FDR8321L Datasheet HTML 6Page - Fairchild Semiconductor FDR8321L Datasheet HTML 7Page - Fairchild Semiconductor FDR8321L Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 1998 Fairchild Semiconductor Corporation
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
SSOT-8
(12mm)
4.47
+/-0.10
5.00
+/-0.10
12.0
+/-0.3
1.55
+/-0.05
1.50
+/-0.10
1.75
+/-0.10
10.25
mi n
5.50
+/-0.05
8.0
+/-0.1
4.0
+/-0.1
1.37
+/-0.10
0.280
+/-0.150
9.5
+/-0.025
0.06
+/-0.02
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
12mm
7" Dia
7.00
177.8
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
5.906
150
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
12mm
13" Dia
13.00
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
7.00
178
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
See detail AA
Dim A
max
13" Diameter Option
7" Diameter Option
Dim A
Max
See detail AA
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes : A0, B0, and K0 di mens ions are deter mined with r espec t to t he EIA/Jedec RS-481
rotati ona l and lateral movement requi remen ts (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Si de or Front Sectional View)
Component Rotation
User Direction of Feed
SSOT-8 Embossed Carrier Tape
Configuration: Figur e 3.0
SSOT-8 Reel Configuration: Figur e 4.0
SuperSOTTM-8 Tape and Reel Data and Package Dimensions, continued
July 1999, Rev. C


Similar Part No. - FDR8321L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR8305 FAIRCHILD-FDR8305 Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDR8308P FAIRCHILD-FDR8308P Datasheet
268Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR836P FAIRCHILD-FDR836P Datasheet
224Kb / 8P
   P-Channel 2.5V Specified MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
More results

Similar Description - FDR8321L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDR8521L FAIRCHILD-FDR8521L Datasheet
224Kb / 7P
   P-Channel MOSFET With Gate Driver For Load Switch Application
logo
Analog Power
AM3865L ANALOGPOWER-AM3865L Datasheet
181Kb / 4P
   P & N-Channel Load Switch MOSFET
logo
International Rectifier
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
logo
TECH PUBLIC Electronics...
TPS27081ADDCR-TP TECHPUBLIC-TPS27081ADDCR-TP Datasheet
3Mb / 6P
   Extremely Low RDS (on) P-Channel Load Switch MOSFET
logo
DinTek Semiconductor Co...
DTC2059 DINTEK-DTC2059_13 Datasheet
1Mb / 8P
   P-Channel 20 V (D-S) MOSFET Load Switch
logo
NEC
UPA1981 NEC-UPA1981 Datasheet
95Kb / 4P
   N-CHANNEL/P-CHANNEL MOS FET PAIR FOR LOAD SWITCH
logo
Renesas Technology Corp
PA1981 RENESAS-PA1981_15 Datasheet
229Kb / 6P
   N-CHANNEL/P-CHANNEL MOS FET PAIR FOR LOAD SWITCH
logo
Vishay Siliconix
SIA777EDJ VISHAY-SIA777EDJ Datasheet
185Kb / 12P
   N- and P-Channel for Level Shift Load Switch
Rev. A, 05-Oct-09
logo
Fairchild Semiconductor
FDC6332L FAIRCHILD-FDC6332L Datasheet
149Kb / 4P
   Common Source Load Switch P-Channel 1.8V Specified PowerTrench MOSFET
logo
Linear Technology
LTC4441 LINER-LTC4441 Datasheet
154Kb / 12P
   N-Channel MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com