Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT2012YC Datasheet(PDF) 11 Page - Texas Instruments

Part # APT2012YC
Description  BOOSTXL-SENSHUB Sensor Hub BoosterPack
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

APT2012YC Datasheet(HTML) 11 Page - Texas Instruments

Back Button APT2012YC Datasheet HTML 6Page - Texas Instruments APT2012YC Datasheet HTML 7Page - Texas Instruments APT2012YC Datasheet HTML 8Page - Texas Instruments APT2012YC Datasheet HTML 9Page - Texas Instruments APT2012YC Datasheet HTML 10Page - Texas Instruments APT2012YC Datasheet HTML 11Page - Texas Instruments APT2012YC Datasheet HTML 12Page - Texas Instruments APT2012YC Datasheet HTML 13Page - Texas Instruments APT2012YC Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FCC Interference Statement for Class B EVM devices
This equipment has been tested and found to comply with the limits for a Class B digital device, pursuant to part 15 of the FCC Rules.
These limits are designed to provide reasonable protection against harmful interference in a residential installation. This equipment
generates, uses and can radiate radio frequency energy and, if not installed and used in accordance with the instructions, may cause
harmful interference to radio communications. However, there is no guarantee that interference will not occur in a particular installation. If
this equipment does cause harmful interference to radio or television reception, which can be determined by turning the equipment off and
on, the user is encouraged to try to correct the interference by one or more of the following measures:
• Reorient or relocate the receiving antenna.
• Increase the separation between the equipment and receiver.
• Connect the equipment into an outlet on a circuit different from that to which the receiver is connected.
• Consult the dealer or an experienced radio/TV technician for help.
For EVMs annotated as IC – INDUSTRY CANADA Compliant
This Class A or B digital apparatus complies with Canadian ICES-003.
Changes or modifications not expressly approved by the party responsible for compliance could void the user’s authority to operate the
equipment.
Concerning EVMs including radio transmitters
This device complies with Industry Canada licence-exempt RSS standard(s). Operation is subject to the following two conditions: (1) this
device may not cause interference, and (2) this device must accept any interference, including interference that may cause undesired
operation of the device.
Concerning EVMs including detachable antennas
Under Industry Canada regulations, this radio transmitter may only operate using an antenna of a type and maximum (or lesser) gain
approved for the transmitter by Industry Canada. To reduce potential radio interference to other users, the antenna type and its gain should
be so chosen that the equivalent isotropically radiated power (e.i.r.p.) is not more than that necessary for successful communication.
This radio transmitter has been approved by Industry Canada to operate with the antenna types listed in the user guide with the maximum
permissible gain and required antenna impedance for each antenna type indicated. Antenna types not included in this list, having a gain
greater than the maximum gain indicated for that type, are strictly prohibited for use with this device.
Cet appareil numérique de la classe A ou B est conforme à la norme NMB-003 du Canada.
Les changements ou les modifications pas expressément approuvés par la partie responsable de la conformité ont pu vider l’autorité de
l'utilisateur pour actionner l'équipement.
Concernant les EVMs avec appareils radio
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux appareils radio exempts de licence. L'exploitation est
autorisée aux deux conditions suivantes : (1) l'appareil ne doit pas produire de brouillage, et (2) l'utilisateur de l'appareil doit accepter tout
brouillage radioélectrique subi, même si le brouillage est susceptible d'en compromettre le fonctionnement.
Concernant les EVMs avec antennes détachables
Conformément à la réglementation d'Industrie Canada, le présent émetteur radio peut fonctionner avec une antenne d'un type et d'un gain
maximal (ou inférieur) approuvé pour l'émetteur par Industrie Canada. Dans le but de réduire les risques de brouillage radioélectrique à
l'intention des autres utilisateurs, il faut choisir le type d'antenne et son gain de sorte que la puissance isotrope rayonnée équivalente
(p.i.r.e.) ne dépasse pas l'intensité nécessaire à l'établissement d'une communication satisfaisante.
Le présent émetteur radio a été approuvé par Industrie Canada pour fonctionner avec les types d'antenne énumérés dans le manuel
d’usage et ayant un gain admissible maximal et l'impédance requise pour chaque type d'antenne. Les types d'antenne non inclus dans
cette liste, ou dont le gain est supérieur au gain maximal indiqué, sont strictement interdits pour l'exploitation de l'émetteur.
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER
SPACER


Similar Part No. - APT2012YC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT2012YC KINGBRIGHT-APT2012YC Datasheet
275Kb / 5P
   2.0x1.25mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APT2012YC TO-GRACE-APT2012YC Datasheet
784Kb / 4P
   2.0 x 1.25 mm SMD Chip LED Lamp
More results

Similar Description - APT2012YC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPMT282 TI1-SPMT282 Datasheet
108Kb / 2P
[Old version datasheet]   Sensor Hub BoosterPack
logo
TEXAS ADVANCED OPTOELEC...
BOOSTXL-DRV8301 TAOS-BOOSTXL-DRV8301 Datasheet
4Mb / 13P
   BOOSTXL-DRV8301 HARDWARE
logo
Agilent(Hewlett-Packard...
E1736A HP-E1736A Datasheet
243Kb / 1P
   USB Sensor Hub
logo
Texas Instruments
SLAU440 TI1-SLAU440 Datasheet
600Kb / 11P
[Old version datasheet]   430BOOST-TMP006 BoosterPack
C2000 TI1-C2000 Datasheet
1,013Kb / 15P
[Old version datasheet]   C2000 LED BoosterPack
SWRU312B TI1-SWRU312B Datasheet
1Mb / 9P
[Old version datasheet]   AIR BoosterPack Quick Start Guide
logo
Anaren Microwave
A2530R24A ANAREN-A2530R24A_12 Datasheet
3Mb / 45P
   AIR BoosterPack User?셲 Manual
logo
LAPIS Semiconductor Co....
ML610Q794G LAPIS-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
logo
Analog Devices
ADT7470 AD-ADT7470_17 Datasheet
597Kb / 41P
   Temperature Sensor Hub and Fan Controller
logo
List of Unclassifed Man...
ML610Q794G ETC2-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com