Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP006YZF Datasheet(PDF) 8 Page - Texas Instruments

Part # TMP006YZF
Description  BOOSTXL-SENSHUB Sensor Hub BoosterPack
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP006YZF Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMP006YZF Datasheet HTML 4Page - Texas Instruments TMP006YZF Datasheet HTML 5Page - Texas Instruments TMP006YZF Datasheet HTML 6Page - Texas Instruments TMP006YZF Datasheet HTML 7Page - Texas Instruments TMP006YZF Datasheet HTML 8Page - Texas Instruments TMP006YZF Datasheet HTML 9Page - Texas Instruments TMP006YZF Datasheet HTML 10Page - Texas Instruments TMP006YZF Datasheet HTML 11Page - Texas Instruments TMP006YZF Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
1
2
2/20/2013
Sensor_Hub_Booster_Pack Rev A.sch
Aneesh Rai
1
Sensor Hub Booster Pack
A
AR
Texas Instruments
2/20/2013
Rev
Filename
Date
Engineer
D
C
Sheet
Drawn by
Number
B
C
2
1
4
3
B
A
1
2
3
4
of
D
Size
Title
B
A
Temperature Sensor
Pressure Sensor
9-Axis Motion Sensor
Humidity & Temp. Sensor
(Do Not
Populate)
Light Sensor
1 SDA
2 VSS
3 NC
4
NC
5
VDD
6
SCL
7
U5
SHT21
C9
100nF
1
CSB
2
VDD
3
VDDIO
4
SDO
5
SCK
6
SDA
7
U2
BMP180
C2
100nF
A1
DGND
B1
ADR1
C1
ADR0
A2
AGND
C2
DRDY
A3
V+
B3
SCL
C3
SDA
U1
TMP006
R1
10k
1
CLKIN
2
NC
3
VDD
4
NC
5
NC
6
RESV
13
VDD
14
NC
15
GND
16
NC
17
GND
18
GND
U3
MPU-9150
C5
10nF
C6
100nF
R2
10k
C4
100nF
C3
2.2nF
C1
100nF
1
VDD
2
GND
3
R-EXT
4
INT
5
SCL
6
SDA
7
U4
ISL29023
R4
10k
R3
499k
C8
100nF
+
C7
1uF
3.3V
I2C_SCL
I2C_SDA
3.3V
I2C_SCL
I2C_SDA
I2C_SDA
I2C_SCL
INT_TEMP
3.3V
3.3V
ANALOG_PWR
ANALOG_GND
3.3V
3.3V
I2C_SCL
I2C_SDA
INT_LT
3.3V
3.3V


Similar Part No. - TMP006YZF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP006 TI1-TMP006 Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006 TI-TMP006 Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006 TI1-TMP006 Datasheet
1Mb / 38P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
TMP006AIYZFR TI1-TMP006AIYZFR Datasheet
262Kb / 17P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
MAY2011
TMP006AIYZFR TI-TMP006AIYZFR Datasheet
466Kb / 21P
[Old version datasheet]   Infrared Thermopile Sensor in Chip-Scale Package
More results

Similar Description - TMP006YZF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPMT282 TI1-SPMT282 Datasheet
108Kb / 2P
[Old version datasheet]   Sensor Hub BoosterPack
logo
TEXAS ADVANCED OPTOELEC...
BOOSTXL-DRV8301 TAOS-BOOSTXL-DRV8301 Datasheet
4Mb / 13P
   BOOSTXL-DRV8301 HARDWARE
logo
Agilent(Hewlett-Packard...
E1736A HP-E1736A Datasheet
243Kb / 1P
   USB Sensor Hub
logo
Texas Instruments
SLAU440 TI1-SLAU440 Datasheet
600Kb / 11P
[Old version datasheet]   430BOOST-TMP006 BoosterPack
C2000 TI1-C2000 Datasheet
1,013Kb / 15P
[Old version datasheet]   C2000 LED BoosterPack
SWRU312B TI1-SWRU312B Datasheet
1Mb / 9P
[Old version datasheet]   AIR BoosterPack Quick Start Guide
logo
Anaren Microwave
A2530R24A ANAREN-A2530R24A_12 Datasheet
3Mb / 45P
   AIR BoosterPack User?셲 Manual
logo
LAPIS Semiconductor Co....
ML610Q794G LAPIS-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
logo
Analog Devices
ADT7470 AD-ADT7470_17 Datasheet
597Kb / 41P
   Temperature Sensor Hub and Fan Controller
logo
List of Unclassifed Man...
ML610Q794G ETC2-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com