Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS75118QPWP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75118QPWP
Description  BOOSTXL-SENSHUB Sensor Hub BoosterPack
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75118QPWP Datasheet(HTML) 2 Page - Texas Instruments

  TPS75118QPWP Datasheet HTML 1Page - Texas Instruments TPS75118QPWP Datasheet HTML 2Page - Texas Instruments TPS75118QPWP Datasheet HTML 3Page - Texas Instruments TPS75118QPWP Datasheet HTML 4Page - Texas Instruments TPS75118QPWP Datasheet HTML 5Page - Texas Instruments TPS75118QPWP Datasheet HTML 6Page - Texas Instruments TPS75118QPWP Datasheet HTML 7Page - Texas Instruments TPS75118QPWP Datasheet HTML 8Page - Texas Instruments TPS75118QPWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Board Overview
www.ti.com
1
Board Overview
The Sensor Hub BoosterPack is an extension board for the TI MCU LaunchPad evaluation module eco-
system. It was designed specifically to extend the functionality of the Tiva TM4C1233 LaunchPad (EK-
TM4C123GXL). The Sensor Hub enables customers to create and model innovative prototype solutions
that leverage the processing and floating-point capabilities of the TM4C123GH6PM MCU coupled with
motion and environmental sensors. The Sensor Hub BoosterPack plugs in to the BoosterPack XL headers
located on the top of the LaunchPad. The BoosterPack also features a TI-standard extension module
(EM) connector to further extend customer applications through a variety of wireless extension modules.
This board and the available software also highlight the use of the new TivaWare® SensorLib sensor
driver library, an easy-to-use, extendable foundation of sensor communication software.
NOTE:
The Sensor Hub BoosterPack is fully compatible with both the Tiva™ C Series LaunchPad
(EK-TM4C123GXL) and the Stellaris® LM4F120 LaunchPad (EK-LM4F120XL).
1.1
Kit Features
The BOOSTXL-SENSHUB BoosterPack offers the following features:
TMP006 infrared object temperature sensor
9-axis InvenSense MPU9150 motion sensor:
3-axis acceleration
3-axis gyroscope
3-axis magnetometer
Bosch BMP180 pressure sensor
Intersil ISL29023 ambient and infrared light sensor
Sensirion SHT21 humidity sensor
Two user pushbuttons
One user LED
One power LED
EM connector for additional wireless expansion
1.2
Using the Sensor Hub BoosterPack
Follow these recommended steps to quickly configure your Sensor Hub for proper operation.
Step 1.
Review the BOOSTXL-SENSHUB BoosterPack Getting Started Guide (literature number
SPMU295, available for download at www.ti.com). This document guides you through
downloading, installing, and running the associated TivaWare examples that demonstrate the
Sensor Hub capabilities and functions.
Step 2.
Examine the additional examples that are provided with the downloaded software to
understand the capabilities and limitations of each on-board sensor.
Step 3.
Create your own application using the Tiva C Series LaunchPad and Sensor Hub
BoosterPack. Use the TivaWare for C Series Sensor Library to enable your innovative Tiva
TM4C MCU applications.
Step 4.
Customize and integrate the hardware to suit a specific end application. This user’s manual is
an important reference for understanding circuit operation and completing hardware
modifications.
2
BOOSTXL-SENSHUB Sensor Hub BoosterPack
SPMU290 – April 2013
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated


Similar Part No. - TPS75118QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75118QPWP TI-TPS75118QPWP Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75118QPWP TI1-TPS75118QPWP Datasheet
830Kb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75118QPWP TI1-TPS75118QPWP Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75118QPWP TI1-TPS75118QPWP Datasheet
1Mb / 31P
[Old version datasheet]   TPS751xxQ with Power Good Output, TPS753xxQ with RESET Output FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75118QPWPG4 TI-TPS75118QPWPG4 Datasheet
764Kb / 35P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS75118QPWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPMT282 TI1-SPMT282 Datasheet
108Kb / 2P
[Old version datasheet]   Sensor Hub BoosterPack
logo
TEXAS ADVANCED OPTOELEC...
BOOSTXL-DRV8301 TAOS-BOOSTXL-DRV8301 Datasheet
4Mb / 13P
   BOOSTXL-DRV8301 HARDWARE
logo
Agilent(Hewlett-Packard...
E1736A HP-E1736A Datasheet
243Kb / 1P
   USB Sensor Hub
logo
Texas Instruments
SLAU440 TI1-SLAU440 Datasheet
600Kb / 11P
[Old version datasheet]   430BOOST-TMP006 BoosterPack
C2000 TI1-C2000 Datasheet
1,013Kb / 15P
[Old version datasheet]   C2000 LED BoosterPack
SWRU312B TI1-SWRU312B Datasheet
1Mb / 9P
[Old version datasheet]   AIR BoosterPack Quick Start Guide
logo
Anaren Microwave
A2530R24A ANAREN-A2530R24A_12 Datasheet
3Mb / 45P
   AIR BoosterPack User?셲 Manual
logo
LAPIS Semiconductor Co....
ML610Q794G LAPIS-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
logo
Analog Devices
ADT7470 AD-ADT7470_17 Datasheet
597Kb / 41P
   Temperature Sensor Hub and Fan Controller
logo
List of Unclassifed Man...
ML610Q794G ETC2-ML610Q794G Datasheet
495Kb / 28P
   Sensor Control Hub 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com