Selected language     English  ā–¼


U.FL-LP Datasheet(PDF) 6 Page - Hirose Electric

Part No. U.FL-LP
Description  Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 6 page
background image
6
Part No.
HRMP-U.FLJ
CL No.
311-0300-2
sConversion Adapters
qSMA Conversion Adapter
(Mating portion: U.FL side jack - SMA side plug)
Note: The U.FL side mating portions has a lower lock retention
force than the regular product, therefore, cannot be used
for purposes other than performance measurements.
(10.7)
8HEX
Part No.
U.FL-R-1
CL No.
331-0466-0
sReceptacle Inspection
This receptacle is used for inspecting the continuity, withstand
voltage, and other aspects of the harness product.
This receptacle is used for check the continuity, withstanding
voltage, and other performance of the cable assembly products.
Note: Part No. U.FL-LP-N-2 for U.FL-LP-040/066/088.
Part No. U.FL-LP(V)-N-2 for U.FL-LP(V)-040/U.FL-LP-062.
12.9
5
7HEX
M5āˆž0.5
1
(7.9)
(4.4)
Part No.
U.FL-LP-N-2
U.FL-LP(V)-N-2
CL No.
331-0494-5
331-0493-2
sPlug Extraction Tool
This jig is used for extraction from a mating condition.
U.FL
(90)
50
Part No.
HRMJ-U.FLP
CL No.
311-0301-5
qSMA Conversion Adapter
(Mating portion: U.FL side plug - SMA side jack)
Note: The U.FL side mating portions has a lower lock retention
force than the regular product, therefore, cannot be used
for purposes other than performance measurements.
14.05
1/4-36UNS-2A
6
5.6
(4.05)
Part No.
HRMJ-U.FLP-ST1
CL No.
311-0385-5
qSMA Conversion Adapter
(Mating portion: U.FL side plug-SMA side jack)
Note: This connector is used by compressing the mated
portion of U.FL side onto the U.FL-R-SMT portion.
(18.6)
1/4-36UNS-2A
6
5.5
(4)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl