Selected language     English  ▼


U.FL-LP Datasheet(PDF) 2 Page - Hirose Electric

Part No. U.FL-LP
Description  Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 2 page
background image
2
s Product Specifications
*V.S.W.R. Measurement System
The above V.S.W.R. standard values were measured using the measurement connection shown below.
Note 1: Cable type connectors were measured with SMA conversion adapters
attached to both ends of the harness product of a suitable 100cm cable.
Note 2: Board type connectors were mounted to a 50
Ω glass epoxy board and
measurements were conducted with SMA conversion adapters attached.
Ratings
Nominal characteristic impedance
Voltage rating
Frequency range
50 ohms
60 V AC (rms)
DC to 6 GHz
Operating temperature range
Operating humidity
-40˚C to +90˚C
90% max.
Part
Material
Finish
Remarks
Shell
Phosphor bronze
Silver plated
—————
Male center contact
Brass
Gold plated
—————
Female center contact
Phosphor bronze
Gold plated
—————
Insulator
Plug
Color: Black
UL94V-0
Receptacle
Color: Beige
UL94V-0
LCP
PBT
sMaterial/Finishes
1. Contact resistance
2. Insulation resistance
3. Withstanding voltage
4. V.S.W.R.*
5. Center contact holding force
6. Durability
(mating/un-mating,
with corresponding plug)
7. Vibration
8. Shock
9. Humidity
(Steady state)
10. Temperature cycle
11. Salt spray test
Item
Specification
Conditions
Center: 20 m ohms max.
Outside: 10 m ohms max.
500 M ohms min.
No flashover or insulation breakdown.
0.15 N min.
Contact resistance
Center: 25 m ohms max.
Outside: 15 m ohms max.
No electrical discontinuity of 1µs min.
No damage, cracks or parts dislocation.
No damage, cracks or parts dislocation.
Insulation resistance 100 M ohms min.(when humidity high)
Insulation resistance 500 M ohms min.(when dry)
No damage, cracks or parts dislocation.
Contact resistance:25 m ohms max. (Center)
15 m ohms max. (Outside)
No excessive corrosion
10 mA max.
100 V DC
200 V AC / 1 minute
Measured with a Ø 0.475 pin gauge
30 cycles
Frequency: 10 to 100 Hz, single amplitude of 1.5mm, acceleration
of 59m/s2, for 5 cycles in the direction of each of the 3 axis.
Acceleration of 735 m/s2, 11ms duration, sine half-wave
waveform, 6 cycles in each of 3 axes.
96 hours at temperature of 40ç and humidity of 95%.
Temperature:-40˚C/+5 to +35˚C/+90˚C/+5 to +35˚C
Time:
30
/ 5 max.
/30
/5 max.(Minutes)
5 cycles
5% salt water solution, 48 hours
Part No.
Up to 3GHz
3 to 6GHz
U.FL-LP-040 dia.0.81mm Coaxial Cable Assembly
1.3 Max
1.35 Max
U.FL-LP(V)-040 dia.0.81mm Coaxial Cable Assembly
1.3 Max
1.3 Max
U.FL-LP-068 dia.1.13mm Coaxial Cable Assembly
1.3 Max
1.4 Max
U.FL-LP-066 dia.1.32mm Coaxial Cable Assembly
1.3 Max
1.5 Max
U.FL-LP-062 dia.1mm Coaxial Cable Assembly
1.3 Max
1.3 Max
U.FL-LP-088 dia.1.37mm Coaxial Cable Assembly
1.3 Max
1.4 Max
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl