Electronic Components Datasheet Search
Selected language     English  ▼


U.FL-LP-040 Datasheet(PDF) 7 Page - Hirose Electric

Part No. U.FL-LP-040
Description  Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 7 page
background image
7
sUsage Precautions
1. Plugs
(1) Connection/
disconnection of
connectors
(2) Permissible load on
the cable after
connector are mated.
(3) Precautions
1) To disconnect connectors, insert the end portion of U.FL-LP-N-2 and U.FL-LP(V)-N-2 under the connector flanges
and pull off vertically, in the direction of the connector mating axis.
2) To mate the connectors, the mating axes of both connectors must be
aligned and the connectors can be mated. The "click" will confirm fully
mated connection.Do not attempt to insert on an extreme angle.
After the connectors are mating, do not apply a load to the cable in excess of the values indicated in the diagram
below.
Do NOT forcefully twist or deform wires.
(1) Recommended
soldering temperature
profile
1) The temperature profile indicates the board surface temperature at the point of contacts with the connector
terminals.
2) The temperature profile will change depending on conditions which include such factors as the size of the board,
the solder used, and the solder thickness.
(3) Recommended screen
thickness
0.1 to 0.15 mm
(2) Recommended
manual soldering
Manual soldering: 350˚C for 5 seconds
2. Receptacles
U.FL-LP-040
2N max.
2N max.
4N max.
U.FL-R-SMT
Time
Preheating
(130 to 165ç)
Within 2 minutes
40 to 50
seconds
Heating peak
240ç 3 seconds
183ç
260
240
220
200
180
160
140
120
100
80
(ç)
Extraction Jig
U.FL-R-SMT
U.FL Cable
Assembly
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl