Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1241A Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # U1241A
Description  U1241A/U1242A Handheld Digital Multimeter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1241A Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  U1241A Datasheet HTML 1Page - Agilent(Hewlett-Packard) U1241A Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1241A Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1241A Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1241A Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1241A Datasheet HTML 6Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
FUNCTION
RANGE
RESOLUTION
TEST CURRENT/
BURDEN VOLTAGE
ACCURACY ± (% of reading + No. of Least Significant Digit)
U1241A
U1242A
VOLTAGE[1]
1000.0 mV
0.1 mV
0.09% + 5
10.000 V
0.001 V
0.09% + 2
100.00 V
0.01 V
1000.0 V
0.1 V
0.15% + 5
CURRENT
1000.0 µA
0.1 µA
< 0.06 V (50
W)
0.1% + 3
10000 µA
1 µA
< 0.55 V (50
W)
0.1% + 3
100.00 mA
0.01 mA
< 0.18 V (0.5
W)
0.2% + 3
440.0 mA[2]
0.1 mA
< 0.8 V (0.5
W)
0.5% + 3
10.000 A[3]
0.001 A
< 0.4 V (0.01
W)
0.6% + 5
RESISTANCE[4]
1000.0
W[5]
0.1
W
0.5 mA
0.3% + 3
10.000 k
W[5]
0.001 k
W
50 µA
100.00 k
W
0.01 k
W
4.91 µA
1000.0 k
W
0.1 k
W
447 nA
10.000 M
W
0.001 M
W
112 nA
0.8% + 3
100.00 M
W[6]
0.01 M
W
112 nA
1.5% + 3
DIODE TEST[7]
1 V
0.001 V
approximately 0.5 mA
0.3% + 2
DC SPECIFICATIONS
[1] Input impedance: 10 M
W (nominal).
[2] Current can be measured up to 440 mA continuously. An additional 0.2% needs to be added to the specified accuracy if the signal measured is in the range of
440 mA to 1100 mA for 30 seconds maximum. After measuring current of > 440 mA, leave the meter to cool down for twice the measuring time used before
application of low current measurement.
[3] Current can be measured up to 10 A continuously with the maximum operating temperature of 50 °C. An additional 0.3% needs to be added to the specified accuracy
if the signal measured is in the range of 10 A to 19.999 A for 15 seconds maximum. After measuring a current of > 10 A, leave the meter to cool down for 60 seconds
before applying low current measurement.
[4] The maximum open voltage is < 2.8 V. For instant continuity, the built-in buzzer sounds when resistance is < 10.0
W.
[5] The accuracy of 1 k
W and 10 kW is specified after Null function, which is used to substrate the test lead resistance and the thermal effect.
[6] For the range of 100 M
W, the R.H. is specified for < 60%. The temperature coefficient will be 0.15 times of specified accuracy as > 50 MW.
[7] Overload protection: 1000 V RMS for circuits < 0.3 A short circuit current. The built-in buzzer sounds when reading is approximately below 50 mV and audible single
tone for normal forward biased diode or semiconductor junction as 0.3 V ≤ Reading ≤ 0.8 V.
[8] Input impedance: 10 M
W (nominal) in parallel with <100 pF, with overload protection of 1000 V RMS
[9] Crest factor ≤ 3. For non-sinusoidal waveforms with crest factor up to 3, add 2% reading + 2% full scale typical.
[10] Current can be measured from 50 mA to 440 mA continuously. An additional 0.2% needs to be added to the specified accuracy if the signal measured is in the range of
440 mA to 1100 mA for 30 seconds maximum. After measuring current of > 440 mA, leave the meter to cool down for twice the measuring time used before
application of low current measurement.
[11] Current can be measured from 0.5 A up to 10 A continuously with the maximum operating temperature of 50 °C. An additional 0.3% needs to be added to the
specified accuracy if the signal measured is in the range of 10 A to 19.999 A for 15 seconds maximum. After measuring a current of >10 A, leave the meter to cool
down for 60 seconds before applying low current measurement.
AC SPECIFICATIONS
FUNCTION
RANGE
RESOLUTION
TEST CURRENT/
BURDEN VOLTAGE
ACCURACY ± (% of reading + No. of Least Significant Digit)
40 Hz to 500 Hz
500 Hz to 1 kHz
1 kHz to 2 kHz
AC VOLTAGE[8]
TRUE RMS
1000.0 mV
0.1 mV
1% + 5
2% + 5
10.000 V
0.001 V
1% + 5
2% + 5
100.00 V
0.01 V
1000.0 V
0.1 V
AC Current[9]
TRUE RMS
1000.0 µA
0.1 µA
< 0.06 V (50
W)
1% + 5
1.5% + 5
10000 µA
1 µA
< 0.55 V (50
W)
100.00 mA
0.01 mA
< 0.18 V (0.5
W)
440.0 mA[10]
0.1 mA
< 0.8 V (0.5
W)
10.000 A[11]
0.001 A
< 0.4 V (0.01
W)


Similar Part No. - U1241A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
logo
Keysight Technologies
U1241B KEYSIGHT-U1241B Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
   U1240 Series Handheld Digital Multimeters
U1241C KEYSIGHT-U1241C Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

Similar Description - U1241A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U1230 HP-U1230 Datasheet
327Kb / 10P
   Handheld Digital Multimeter (DMM)
logo
Extech Instruments Corp...
MS400 EXTECH-MS400 Datasheet
841Kb / 51P
   Handheld Digital Storage Oscilloscope & Multimeter
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
   Digital Multimeter
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
   Bluetooth Digital Multimeter
logo
Keysight Technologies
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
   34401A Digital Multimeter
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
   Mini Digital Multimeter
logo
List of Unclassifed Man...
OW18D ETC-OW18D Datasheet
523Kb / 1P
   Bluetooth Digital Multimeter
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
logo
Copal Electronics
PG-100 COPAL-PG-100_16 Datasheet
150Kb / 6P
   HANDHELD DIGITAL MANOMETER
logo
Keysight Technologies
M9181A KEYSIGHT-M9181A Datasheet
251Kb / 8P
   M9181A PXI Digital Multimeter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com