Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U.FL-LP-068 Datasheet(PDF) 3 Page - Hirose Electric

Part # U.FL-LP-068
Description  Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-LP-068 Datasheet(HTML) 3 Page - Hirose Electric

  U.FL-LP-068 Datasheet HTML 1Page - Hirose Electric U.FL-LP-068 Datasheet HTML 2Page - Hirose Electric U.FL-LP-068 Datasheet HTML 3Page - Hirose Electric U.FL-LP-068 Datasheet HTML 4Page - Hirose Electric U.FL-LP-068 Datasheet HTML 5Page - Hirose Electric U.FL-LP-068 Datasheet HTML 6Page - Hirose Electric U.FL-LP-068 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Part No.
U.FL-R-SMT(01)
U.FL-R-SMT(10)
CL No.
331-0471-0-01
331-0471-0-10
Packaging
Bag packaging (100 pieces/bag)
Reel packaging (2500 pieces/reel)
Weight (mg)
15.7/unit
sReceptacles
Note 1: Receptacles of (01) specification are sold by the
bag with 100 pieces per bag.
Please order in pack units.
Note 2: Receptacles of (10) specification are sold by the
reel (which contains 2,500 pieces).
Please order in reel units.
Note 3: This area may be covered by insulating material.
qPackaging Specifications
Embossed Carrier Tape Dimensions
Reel Dimensions
GND
GND
GND
GND
Cut Out Prohibition Area
Recommended PCB mounting pattern
SIG
SIG
Ø2
3
2.6
0.6
1±0.05
4±0.05
1.9±0.05
8±0.1
2±0.1
4±0.1
0.3
1.6
Center contact
Unreeling direction
1.8
14
Ø13
Ø21
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - U.FL-LP-068

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
U.FL-LP-068 HIROSE-U.FL-LP-068 Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-LP-068N1T-A-L HIROSE-U.FL-LP-068N1T-A-L Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-LP-068N2T-A-L HIROSE-U.FL-LP-068N2T-A-L Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
More results

Similar Description - U.FL-LP-068

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com