Selected language     English  ▼


U.FL-LP(V)-040 Datasheet(PDF) 3 Page - Hirose Electric

Part No. U.FL-LP(V)-040
Description  Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 3 page
background image
3
Part No.
U.FL-R-SMT(01)
U.FL-R-SMT(10)
CL No.
331-0471-0-01
331-0471-0-10
Packaging
Bag packaging (100 pieces/bag)
Reel packaging (2500 pieces/reel)
Weight (mg)
15.7/unit
sReceptacles
Note 1: Receptacles of (01) specification are sold by the
bag with 100 pieces per bag.
Please order in pack units.
Note 2: Receptacles of (10) specification are sold by the
reel (which contains 2,500 pieces).
Please order in reel units.
Note 3: This area may be covered by insulating material.
qPackaging Specifications
Embossed Carrier Tape Dimensions
Reel Dimensions
GND
GND
GND
GND
Cut Out Prohibition Area
Recommended PCB mounting pattern
SIG
SIG
Ø2
3
2.6
0.6
1±0.05
4±0.05
1.9±0.05
8±0.1
2±0.1
4±0.1
0.3
1.6
Center contact
Unreeling direction
1.8
14
Ø13
Ø21
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl