Selected language     English  â–Ľ


U.FL-LP-062 Datasheet(PDF) 1 Page - Hirose Electric

Part No. U.FL-LP-062
Description  Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 1 page
background image
1
Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL Series
2004.2
U.FL-LP(V)-040
U.FL-LP-040
U.FL-LP-066
E.FL-LP-040
E.FL-LP-066
U.FL
E.FL
U.FL-LP-040
Plug
Plug
Plug
Plug
Plug
Cable
Cable
Cable
Cable
Cable
U.FL-LP-066
U.FL-LP(V)-040
U.FL-LP-062
U.FL-LP-088
U.FL-R-SMT
Receptacle
U.FL-R-SMT
Receptacle
U.FL-R-SMT
Receptacle
U.FL-R-SMT
Receptacle
U.FL-R-SMT
Receptacle
Dia.0.81
Dia.1.32
Dia.1.13
Dia.0.81
Dia.1.00
Dia.1.37
sFeatures
1.Extremely Small Occupied Mounting Area
Reduced board space requirement by 18% to 7.7mm2, when
compared with Hirose’s E.FL connectors.
2.Light Weight
One of the world’s lightest coaxial connectors.
Receptacle: 15.7mg
3.Frequencies of Up to 6GHz
To meet the frequency requirements of a wide variety of
miniature equipment, these connectors offer high frequency
performance from DC to 6 GHz.
4.Board Placement with Automatic Equipment
Supplied on tape-and-reel packaging.
5.Use of Ultra-fine Teflon Cable
Several of ultra-fine single and double shielded Teflon®
coaxial cables terminate to U.FL plug.
6. Simple Disconnection
Dedicated tool allows reliable un-mating of the plug.
7.User Friendly Mating Operation
Tactile lock feeling ensures and confirms reliable connection.
sApplications
Mobile phones, Wireless LAN, Mini-PCI, Bluetooth, PDA, GPS,
electronic measuring instruments, etc.
*Teflon is a registered trademark of DuPont.
Mated Height Comparison
(With E.FL series)
qSpace Factor of Mated Connector
Up to 6GHz Transmission Speed
NEW
NEW
NEW
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl