Selected language     English  ā–¼


U.FL-2LP-04N2-A-(L) Datasheet(PDF) 4 Page - Hirose Electric

Part No. U.FL-2LP-04N2-A-(L)
Description  Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HIROSE [Hirose Electric]
Homepage  http://www.hirose-connectors.com
Logo 

   
 4 page
background image
4
Part No.
Mated Height
Applicable
cable
Weight (mg)
2.5mm Max.
2.5mm Max.
2.0mm Max.
2.4mm Max.
2.4mm Max.
(2.4mm Nom.)
(2.4mm Nom.)
(1.9mm Nom.)
(2.3mm Nom.)
(2.3mm Nom.)
Dia. 0.81mm
Dia. 0.81mm
Dia. 1mm
Dia. 1.37mm
Coaxial cable
Coaxial cable
Coaxial cable
Coaxial cable
53.7
59.1
34.8
45.5
71.7
Dia. 1.13mm and
Dia. 1.32mm
Coaxial cable
sCable Assembly (Plug)
qCable Guide
U.FL-LP-040
U.FL-LP-062
U.FL-LP-088
Dia.0.81mm
Coaxial Cable
04
7/0.05 SA
(AWG36)
Dia.0.40
PFA
Single
Shield SA
Dia.0.81
PFA
50 ohms
6.45dB/m
9.42dB/m
Dia.1.13mm
Coaxial Cable
068
7/0.08 SA
(AWG32)
Dia.0.68
FEP
Single
Shield SA[TA]
Dia.1.13
FEP
50 ohms
3.43dB/m
[3.73dB/m]
5.13dB/m
[5.44dB/m]
Dia.1.32mm
Coaxial Cable
066
7/0.08 SA
(AWG32)
Dia.0.66
FEP
Double
Shield TA
Dia.1.32
FEP
50 ohms
3.8dB/m
5.6dB/m
Dia.1mm
Coaxial Cable
062
7/0.071 SA
(AWG33)
Dia.0.62
FEP
Tape, single
Shield TAT
Dia.1
FEP
50 ohms
3.1dB/m
4.4dB/m
Dia.1.37mm
Coaxial Cable
(data as provided by cable suppliers, for reference only)
* SA : Silver plated annealed copper wire, TA : Tin plated annealed copper wire, TAT : Tin plated copper wire alloyed with tin
088
7/0.102 SA
(AWG30)
Dia.0.88
FEP
Single
Shield TA
Dia.1.37
FEP
50 ohms
2.8dB/m
4.3dB/m
Description
Cable
Type
Cable Specification
Inner
Conductor*
Dielectric
Diameter
Outer
Conductor*
Jacket
Diameter
Nominal
Impedance
Nominal attenuation
At 3GHz
At 6GHz
4
5
U.FL-LP-066
4
U.FL-LP(V)-040
3.4
4
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl