Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2961121 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2961121
Description  Pluggable miniature relays, with multi-layer contact, 1 PDT, input voltage 24 V DC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2961121 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2961121 Datasheet HTML 1Page - PHOENIX CONTACT 2961121 Datasheet HTML 2Page - PHOENIX CONTACT 2961121 Datasheet HTML 3Page - PHOENIX CONTACT 2961121 Datasheet HTML 4Page - PHOENIX CONTACT 2961121 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
REL-MR- 24DC/21AU Order No.: 2961121
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2961121
PHOENIX CONTACT Deutschland GmbH
Page 3 / 5
http://www.phoenixcontact.de
Mar 24, 2010
Standards/regulations
IEC 60664
IEC 60664 A
DIN VDE 0110
DIN VDE 0106-101
DIN EN 50178/DIN VDE 0160 (in relevant parts)
IEC 60255/DIN VDE 0435 (in relevant parts)
EN 60730/DIN VDE 0631
Pollution degree
3
Surge voltage category
III
Mounting position
Any
Assembly instructions
In rows with zero spacing
Connection data
Type of connection
Plug / solder connection
Certificates / Approvals
Certification
CSA, CUL, GL, GOST, UL, VDE-PZI, VDE-PZI
Additional products
Item
Designation
Description
General
2966058
PLC-BSC- 24DC/ 1/ACT
6.2 mm PLC actuator basic terminal blocks with screw connection
method, input voltage 24 V DC(without relay or optocoupler)
2966061
PLC-BSC- 24DC/ 1/SEN
6.2 mm PLC Sensor basic terminal blocks with screw connection
method, input voltage 24 V DC(without relay or optocoupler)
2966016
PLC-BSC- 24DC/21
6.2 mm PLC basic terminal blocks with screw connection method,
input voltage 24 V DC(without relay or optocoupler)
2966029
PLC-BSC- 24UC/21
6.2 mm PLC basic terminal blocks with screw connection method,
input voltage 24 V AC/DC(without relay or optocoupler)
2966090
PLC-BSC- 48DC/21
6.2 mm PLC basic terminal blocks with screw connection method,
input voltage 48 V DC(without relay or optocoupler)
2967196
PLC-BSP- 24DC/ 1/ACT
6.2 mm PLC PLC actuator basic terminal blocks with spring-
cage connection method, input voltage 24 V DC(without relay or
optocoupler)


Similar Part No. - 2961121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2961105 PHOENIX-2961105 Datasheet
148Kb / 5P
   Pluggable miniature relays, with power contact, 1 PDT, input voltage 24 V DC
Jul 24, 2006
2961118 PHOENIX-2961118 Datasheet
204Kb / 14P
   Single relay - REL-MR- 60DC/21
09/12/2020
2961192 PHOENIX-2961192 Datasheet
215Kb / 6P
   REL-MR- 24DC/21-21
More results

Similar Description - 2961121

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2961105 PHOENIX-2961105 Datasheet
148Kb / 5P
   Pluggable miniature relays, with power contact, 1 PDT, input voltage 24 V DC
Jul 24, 2006
REL-MR4DC PHOENIX-REL-MR4DC Datasheet
153Kb / 5P
   Pluggable miniature relay, with multi-layer contact, 1 PDT, input voltage 4.5 V DC
REL-MR-21HC PHOENIX-REL-MR-21HC Datasheet
213Kb / 6P
   Pluggable miniature relays, with power contact for high continuous current, 1 PDT, input voltage 24 V DC
REL-MR-21AU PHOENIX-REL-MR-21AU Datasheet
76Kb / 4P
   Plug-in miniature relay, with multi-layer contact, 1 PDT, 48 V DC input voltage
REL-MR-G24 PHOENIX-REL-MR-G24 Datasheet
108Kb / 4P
   Pluggable replacement miniature relay, 1 N/O contact, input voltage 24 V DC
EMUG45-4REL PHOENIX-EMUG45-4REL Datasheet
151Kb / 5P
   Relay module, multi-channel, with 4 soldered-in miniature switching relays for DC voltage with light indicator and 1 PDT each, contact for medium to large loads, input voltage 24 V DC
UM-8RM PHOENIX-UM-8RM Datasheet
125Kb / 4P
   Varioface output module, with 8 miniature relays, 1 PDT, plugged, for 24 V DC (incl. relay)
REL-MR-60DC PHOENIX-REL-MR-60DC Datasheet
82Kb / 6P
   Plug-in miniature power relay, with multi-layer gold contact, 2 PDTs, input voltage 60 V DC
EMG17-SO54 PHOENIX-EMG17-SO54 Datasheet
48Kb / 2P
   Relay module, with soldered-in miniature switching relay, contact (AgNi): Medium to large loads, 1 PDT, input voltage 24 V AC/DC
EMUG22-4REL PHOENIX-EMUG22-4REL Datasheet
98Kb / 4P
   Relay module, multi-channel, with 4 soldered-in miniature switching relays for DC voltage with light indicator and 1 N/O contact each, contact for small to large loads, input voltage 24 V DC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com