Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U77-A1113 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # U77-A1113
Description  SFP SINGLE CASE WITH SOLDER PINS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

U77-A1113 Datasheet(HTML) 1 Page - Amphenol Corporation

  U77-A1113 Datasheet HTML 1Page - Amphenol Corporation U77-A1113 Datasheet HTML 2Page - Amphenol Corporation U77-A1113 Datasheet HTML 3Page - Amphenol Corporation U77-A1113 Datasheet HTML 4Page - Amphenol Corporation U77-A1113 Datasheet HTML 5Page - Amphenol Corporation U77-A1113 Datasheet HTML 6Page - Amphenol Corporation U77-A1113 Datasheet HTML 7Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image


Similar Part No. - U77-A1113

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
U77-A1118-2001 MICROCHIP-U77-A1118-2001 Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
More results

Similar Description - U77-A1113

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-U77-A161X-X00X AMPHENOL-P-U77-A161X-X00X Datasheet
812Kb / 7P
   IPF SINGLE CAGE WITH SOLDER PINS
logo
Molex Electronics Ltd.
0747540103 MOLEX1-0747540103 Datasheet
43Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket, 3.38mm Solder Post Pins
logo
PowerDynamics, Inc
PD-HEC2-FPC-S-W POWERDYNAMICS-PD-HEC2-FPC-S-W Datasheet
218Kb / 1P
   SOLDER PINS
logo
Molex Electronics Ltd.
0747540106 MOLEX1-0747540106 Datasheet
42Kb / 1P
   SFP Cage, Single Port, Spring Finger Bezel Gasket 3.60mm Solder Post Pins For PCI
logo
CUI INC
HSS-B20-04 CUI-HSS-B20-04 Datasheet
293Kb / 3P
   available with and without solder pins
logo
Aries Electronics, Inc.
03-0518-10 ARIES-03-0518-10 Datasheet
274Kb / 1P
   Series X518 Single and Dual Row Collet Sockets with Solder Tail Pins
503 ARIES-503 Datasheet
658Kb / 1P
   Available with Solder Tail or Wire Wrap Pins
logo
Molex Electronics Ltd.
74754-0101 MOLEX-74754-0101 Datasheet
50Kb / 3P
   SFP Plus (SFP) Cage, Single Port, Spring Finger Bezel Gasket, 3.05mm Press Fit Pins
logo
EPCOS
B43510 EPCOS-B43510 Datasheet
59Kb / 2P
   Capacitors with 4 Snap-In Terminals and Solder Pins
logo
Aries Electronics, Inc.
511 ARIES-511 Datasheet
526Kb / 1P
   Bifurcated Contacts with Solder Tail or Wire Wrap Pins
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com