Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZB6DD24 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZB6DD24
Description  Harmony??XB6/ZB6 16 mm push buttons
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ZB6DD24 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZB6DD24 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZB6DD24 Datasheet HTML 3Page - List of Unclassifed Manufacturers ZB6DD24 Datasheet HTML 4Page - List of Unclassifed Manufacturers ZB6DD24 Datasheet HTML 5Page - List of Unclassifed Manufacturers ZB6DD24 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZB6DD24 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZB6DD24 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZB6DD24 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZB6DD24 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
HarmonyXB6/ZB6
16 mm push buttons
Complete units
Combined functions (contact + signaling)
Illuminated push buttons with rectangular, square or circular head
Head colors
Illuminated push buttons
Full guard with integral LED, spring return
XB6DWpppp
page 15
XB6CWpppp
page 15
XB6AWpppp
page 15
Full guard with integral LED, maintained
XB6DFpppp
page 15
XB6CFpppp
page 15
XB6AFpppp
page 15
No guard with integral LED, spring return
XB6DEpppp
page 15
XB6CEpppp
page 15
XB6AEpppp
page 15
Signaling functions
Pilot lights with rectangular, square or circular head
Head colors
Pilot lights
With integral LED
XB6DVppp
page 16
XB6CVppp
page 16
XB6AVppp
page 16
Product range (continued)
Introduction:
page 4
Specifications:
page 10
Assembled products:
page 12
References:
page 15
Dimensions:
page 25
This document provided by Barr-Thorp Electric Co., Inc. 800-473-9123 www.barr-thorp.com


Similar Part No. - ZB6DD24

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB6DD22 SCHNEIDER-ZB6DD22 Datasheet
172Kb / 7P
   Head for selector switch, Harmony XB6, black rectangular 횠 16 2 position stay put
Jan 21, 2022
ZB6DD23 SCHNEIDER-ZB6DD23 Datasheet
172Kb / 7P
   Head for selector switch, Harmony XB6, black rectangular 횠 16 3 position stay put
Jan 21, 2022
ZB6DD25 SCHNEIDER-ZB6DD25 Datasheet
172Kb / 7P
   Head for selector switch, Harmony XB6, black rectangular 횠 16 3 position spring return
Jan 21, 2022
ZB6DD27 SCHNEIDER-ZB6DD27 Datasheet
171Kb / 6P
   Head for selector switch, Harmony XB6, black rectangular 횠 16 3 position spring return
Jan 21, 2022
ZB6DD28 SCHNEIDER-ZB6DD28 Datasheet
172Kb / 7P
   Head for selector switch, Harmony XB6, black rectangular 횠 16 2 position stay put
Jan 21, 2022
More results

Similar Description - ZB6DD24

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
ZB4BA2TQ SCHNEIDER-ZB4BA2TQ_V01 Datasheet
348Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
ZB4BW463 SCHNEIDER-ZB4BW463_V01 Datasheet
351Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AP3S SCHNEIDER-ZB5AP3S_V01 Datasheet
358Kb / 9P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 12, 2022
ZB4BD2TQ SCHNEIDER-ZB4BD2TQ_V01 Datasheet
343Kb / 9P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 12, 2022
ZB5AD912 SCHNEIDER-ZB5AD912 Datasheet
177Kb / 4P
   Harmony XB5/ZB5 Plastic Push Buttons
Jan 11, 2022
ZB4BP2S SCHNEIDER-ZB4BP2S_V01 Datasheet
341Kb / 8P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 11, 2022
ZB4BS5540 SCHNEIDER-ZB4BS5540_V01 Datasheet
106Kb / 2P
   Harmony XB4/ZB4 Metal Push Buttons
Jan 13, 2022
XB6AW1G1B SCHNEIDER-XB6AW1G1B Datasheet
96Kb / 3P
   Complete illuminated push button, Harmony XB6, Complete illuminated push button, Harmony XB6, return 1 NO 48...120 V
logo
Allen-Bradley
800EP-MTS44 ALLEN-BRADLEY-800EP-MTS44 Datasheet
161Kb / 7P
   Push Buttons
logo
Schneider Electric
XACA201 SCHNEIDER-XACA201 Datasheet
93Kb / 5P
   Harmony, pendant station, pistol grip, yellow, 2 push buttons
Aug 15, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com