Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS5RKEZ4E1P Datasheet(PDF) 1 Page - OptoSupply International

Part # OS5RKEZ4E1P
Description  Super Flux Red LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International

OS5RKEZ4E1P Datasheet(HTML) 1 Page - OptoSupply International

  OS5RKEZ4E1P Datasheet HTML 1Page - OptoSupply International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.optosupply.com
VER A.0
Super Flux Red LED
OS5RKEZ4E1P
Features
Outline Dimension
High Luminous Super Flux Output
Superior Weather-resistance
UV Resistant Epoxy
Water Clear Type
Applications
Automotive Dashboard Lighting
Traffic Signal Lamp
Back Lighting
Other Lighting
0.76+0.1
2
5.08+0.2
1.5+0.1
2
3
Unit:mm
Tolerance:+0.3mm
7.62
5.08±0.3
1,4 Cathode
2,3 Anode
Absolute Maximum Rating
(Ta=25℃)
Directivity
Item
Symbol
Value
Unit
DC Forward Current
IF
90
mA
Pulse Forward Current*
IFP
200
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
234
mW
Operating Temperature
Topr
-30 ~ +85
Storage Temperature
Tstg
-40~ +100
Lead Soldering Temperature
Tsol
260/5sec
-
*Pulse width Max.10ms Duty ratio max 1/10
30°
90°
60°
0
0
90°
30°
60°
0.5
0.5
11
Electrical -Optical Characteristics
(Ta=25℃)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
DC Forward Voltage
VF
IF=90mA
1.9
2.2
2.6
V
DC Reverse Current
IR
VR=5V
-
-
30
µA
Domi. Wavelength
λD
IF=90mA
620
625
630
nm
Luminous Intensity
Iv
IF=90mA
5800
8000
-
mcd
50% Power Angle
1/2
IF=90mA
-
140
-
deg
*1 Tolerance of dominant wavelength is +1nm
*2 Tolerance of luminous intensity is +15%
LED & Application Technologies


Similar Part No. - OS5RKEZ4E1P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OS5RKEZ4E1P OPTOSUPPLY-OS5RKEZ4E1P Datasheet
109Kb / 1P
   Super Flux Red LED
More results

Similar Description - OS5RKEZ4E1P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5SAZ2C1D OPTOSUPPLY-OSR5SAZ2C1D Datasheet
101Kb / 1P
   Super Flux Super Red LED
OSR5SAZ4E1D OPTOSUPPLY-OSR5SAZ4E1D Datasheet
96Kb / 1P
   Super Flux Super Red LED
OSR5SAZ3K1D OPTOSUPPLY-OSR5SAZ3K1D Datasheet
98Kb / 1P
   Super Flux Super Red LED
OSR5SAZ161D OPTOSUPPLY-OSR5SAZ161D Datasheet
105Kb / 1P
   Super Flux Super Red LED
OSR7CAZ2C1P OPTOSUPPLY-OSR7CAZ2C1P Datasheet
113Kb / 1P
   Super Flux Red LED
OS5RKEZ4E1P OPTOSUPPLY-OS5RKEZ4E1P Datasheet
109Kb / 1P
   Super Flux Red LED
OSR5CAZ2C1P OPTOSUPPLY-OSR5CAZ2C1P_1 Datasheet
113Kb / 1P
   Super Flux Red LED
OS5RKAZJC1P OPTOSUPPLY-OS5RKAZJC1P Datasheet
77Kb / 1P
   Super Flux Commercial Red LED
OSR5PAZ161D OPTOSUPPLY-OSR5PAZ161D Datasheet
158Kb / 1P
   Super Flux Premium Red LED
OSR5PAZG71D OPTOSUPPLY-OSR5PAZG71D_11 Datasheet
126Kb / 1P
   Super Flux Premium Red LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com